Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLW1201H Datasheet(PDF) 2 Page - Protek Devices

Part # PLW1201H
Description  STANDARD CAPACITANCE TVS COMPONENT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLW1201H Datasheet(HTML) 2 Page - Protek Devices

  PLW1201H Datasheet HTML 1Page - Protek Devices PLW1201H Datasheet HTML 2Page - Protek Devices PLW1201H Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
05275.R0 1/08
www.protekdevices.com
PLW1201H
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Peak Pulse Power (tp = 8/20µs) - See Figure 1
SYMBOL
VALUE
5A
Watts
200
UNITS
P
PP
IPP
PARAMETER
Peak Pulse Current (tp = 8/20µs)
Operating Temperature
°C
-55 to 150
TA
Storage Temperature
°C
-55 to 150
TSTG
Soldering Temperature for 10 seconds
°C
265
T
L
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
DEVICE
MARKING
CODE
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
TYPICAL
FORWARD
VOLTAGE
@10mA
V
F
VOLTS
PLW1201H
12
12.0
13.3
0.8
19.0
TYPICAL
CAPACITANCE
@0V, 1MHz
C
pF
150
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@I
P = 1A
V
C
VOLTS
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@I
P = 5A
V
C
VOLTS
24.0
0
5
10
15
20
25
30
FIGURE 2
PULSE WAVE FORM
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
0.01
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
10
100
1,000
10,000
200W, 8/20µs Waveform



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com