Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM643FV8AS-55LF Datasheet(PDF) 8 Page - Emerging Memory & Logic Solutions Inc

Part # EM643FV8AS-55LF
Description  512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM643FV8AS-55LF Datasheet(HTML) 8 Page - Emerging Memory & Logic Solutions Inc

Back Button EM643FV8AS-55LF Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-55LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-55LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-55LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-55LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-55LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-55LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-55LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-55LF Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
EM641FV8FT Series
Low Power, 512Kx8 SRAM
8
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
DATA RETENTION CHARACTERISTICS
NOTES
1. See the ISB1 measurement condition of datasheet page 4.
2. Typical values are measured at T A=25
oC and not 100% tested.
Parameter
Symbol
Test Condition
Min
Typ2)
Max
Unit
VCC for Data Retention
VDR
ISB1 Test Condition
(Chip Disabled)
1)
1.5
-
3.6
V
Data Retention Current
IDR
VCC=1.5V, ISB1 Test Condition
(Chip Disabled)
1)
-
0.5
-
µA
Chip Deselect to Data Retention Time
tSDR
See data retention wave form
0
-
-
ns
Operation Recovery Time
tRDR
tRC
-
-
tSDR
tRDR
Data Retention Mode
CS > Vcc-0.2V
V
cc
2.7V
2.2V
V
DR
CS
GND
DATA RETENTION WAVE FORM
CS Controlled



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com