Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIM200D06AV2 Datasheet(PDF) 1 Page - SemiWell Semiconductor

Part # SIM200D06AV2
Description  ?쏦ALF-BRIDGE??IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SIM200D06AV2 Datasheet(HTML) 1 Page - SemiWell Semiconductor

  SIM200D06AV2 Datasheet HTML 1Page - SemiWell Semiconductor SIM200D06AV2 Datasheet HTML 2Page - SemiWell Semiconductor SIM200D06AV2 Datasheet HTML 3Page - SemiWell Semiconductor SIM200D06AV2 Datasheet HTML 4Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- 1 -
SIM200D06AV2
Preliminary
Feature
▪ Smart field stopper +Trench
design technology
▪
Low VCE (sat)
▪
Low Turn-off losses
▪
Short tail current for over 20KHz
Applications
▪
Motor controls
▪
VVVF inverters
▪
Inverter-type welding MC over 18KHZ
▪
SMPS, Electrolysis
▪
UPS/EPS, Robotics
PKG: V2=48mm
“HALF-BRIDGE” IGBT
Absolute Maximum Ratings @ Tj=25℃ (Per Leg)
Symbol
Parameter
Condition
Ratings
Unit
VCES
Collector-to-Emitter Voltage
TC = 25℃
600
V
VGE
Gate emitter voltage
±
20
V
IC
Continuous Collector Current
TC = 80℃ (25℃)
200 (290)
A
ICP
Pulsed collector current
TC = 25℃
450
A
IF
Diode Continuous Forward Current
TC = 80℃ (25℃)
200 (290)
A
IFM
Diode Maximum Forward Current
TC = 25℃
400
A
tp
Short circuit test, VGE = 15V, VCC = 360V
TC = 150℃ (25℃)
6 (8)
㎲
Viso
Isolation Voltage test
AC @ 1 minute
2500
V
Weight
Weight of Module
190
g
Tj
Junction Temperature
-40 ~ 150
℃
Tstg
Storage Temperature
-40 ~ 125
℃
Md
Mounting torque with screw : M5
2.0
N.m
Terminal connection torque : M5
2.0
N.m
Static Characteristics @ Tj = 25℃ (unless otherwise specified)
Parameters
Min
Typ
Max
Unit
Test conditions
VCE(ON)
Collector-to-Emitter Saturation Voltage
1.60
1.95
V
IC = 200A, VGE = 15V
VGE(th)
Gate Threshold Voltage
5.8
6.5
VCE = VGE, IC = 4㎃
ICES
Zero Gate Voltage Collector Current
ㅡ
ㅡ
5.0
㎃
VGE= 0V, VCE = 600V
IGES
Gate-to-Emitter Leakage Current
ㅡ
ㅡ
400
㎁
VCE = 0V, VGE = 20V
VF
Forward voltage drop
1.6
1.9
V
IF = 200A
RGINT
Integrated gate resistor
ㅡ
2
ㅡ
Ω
VCES = 600V
Ic= 200A
VCE(ON) typ. = 1.6V
@Ic= 200A


Similar Part No. - SIM200D06AV2

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SIM200D06AV1 SEMIWELL-SIM200D06AV1 Datasheet
199Kb / 4P
?쏦ALF-BRIDGE??IGBT
More results

Similar Description - SIM200D06AV2

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SIM75D06AV1 SEMIWELL-SIM75D06AV1 Datasheet
187Kb / 4P
?쏦ALF-BRIDGE??IGBT MODULE
SIM75D12SV1 SEMIWELL-SIM75D12SV1 Datasheet
496Kb / 7P
?쏦ALF-BRIDGE??IGBT MODULE
SIM100D06AV1 SEMIWELL-SIM100D06AV1 Datasheet
188Kb / 4P
?쏦ALF-BRIDGE??IGBT MODULE
SIM150D06AV1 SEMIWELL-SIM150D06AV1 Datasheet
186Kb / 4P
?쏦ALF-BRIDGE??IGBT MODULE
SIM150D12SV3 SEMIWELL-SIM150D12SV3 Datasheet
503Kb / 8P
?쏦ALF-BRIDGE??IGBT Module
SIM200D06AV1 SEMIWELL-SIM200D06AV1 Datasheet
199Kb / 4P
?쏦ALF-BRIDGE??IGBT
SIM300D06AV3 SEMIWELL-SIM300D06AV3 Datasheet
225Kb / 4P
?쏦ALF-BRIDGE??IGBT MODULE
SIM400D06AV3 SEMIWELL-SIM400D06AV3 Datasheet
210Kb / 4P
?쏦ALF-BRIDGE??IGBT MODULE
logo
Vishay Siliconix
VS-GA100TS60SFPBF VISHAY-VS-GA100TS60SFPBF_V01 Datasheet
153Kb / 7P
“Half-Bridge” IGBT INT-A-PAK, (Standard Speed IGBT), 100 A
10-Jun-15
VS-40MT120PHAPBF VISHAY-VS-40MT120PHAPBF Datasheet
196Kb / 10P
“Half Bridge” MTP Trench IGBT, 75 A
26-Jul-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com