Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIM400D06AV3 Datasheet(PDF) 3 Page - SemiWell Semiconductor

Part # SIM400D06AV3
Description  ?쏦ALF-BRIDGE??IGBT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SIM400D06AV3 Datasheet(HTML) 3 Page - SemiWell Semiconductor

  SIM400D06AV3 Datasheet HTML 1Page - SemiWell Semiconductor SIM400D06AV3 Datasheet HTML 2Page - SemiWell Semiconductor SIM400D06AV3 Datasheet HTML 3Page - SemiWell Semiconductor SIM400D06AV3 Datasheet HTML 4Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
- 3 -
SIM400D06AV3
Preliminary
Fig.1, Output characteristic (typical)
Fig.2
Output characteristic (typical)
IC = f(TVJ)
IC = f(VGE)
VGE = 15V
Tvj = 150℃
Fig.3, Transfer characteristic (typical)
Fig.4, Reverse bias
RBSOA
IC = f(TVJ)
VCE = 20V
VGE
= ±15V, RGoff = 2.4Ω, Tvj = 150℃
Fig.5, Forward characteristic of diode
IF = f(TJ)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com