Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301273U7R5JS2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 301273U7R5JS2
Description  High Capacitance and Ultra-Low ESR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

301273U7R5JS2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  301273U7R5JS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 301273U7R5JS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 301273U7R5JS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 301273U7R5JS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 301273U7R5JS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 301273U7R5JS2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 301273U7R5JS2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 301273U7R5JS2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 301273U7R5JS2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
Load Life:
4000 h at full load at 85 °C
∆ capacitance ± 20%
ESR 200 % of limit
DCL 100 % of limit
Shelf Life
:
500 h at 105 °C, capacitance, ESR and DCL, initial requirements
Vibration:
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
Outline Drawings
0.77”, 0.895” and 1.02” Diameters
0.51”, 0.65” and .73” Diameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com