Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLR79 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # CLR79
Description  Commercial Types TAT for CLR79 and TAX for CLR81
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLR79 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CLR79 Datasheet HTML 4Page - List of Unclassifed Manufacturers CLR79 Datasheet HTML 5Page - List of Unclassifed Manufacturers CLR79 Datasheet HTML 6Page - List of Unclassifed Manufacturers CLR79 Datasheet HTML 7Page - List of Unclassifed Manufacturers CLR79 Datasheet HTML 8Page - List of Unclassifed Manufacturers CLR79 Datasheet HTML 9Page - List of Unclassifed Manufacturers CLR79 Datasheet HTML 10Page - List of Unclassifed Manufacturers CLR79 Datasheet HTML 11Page - List of Unclassifed Manufacturers CLR79 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Wet Tantalum - CLR 79 (MIL-C-39006/22)
CLR 81 (MIL-C-39006/25)
Performance Testing
Seal: MIL-STD-202 - Method 112
•
Conditions A, or D, and C
Specified Pulse Shock Test: MIL-STD-202 - Method 213 includes the following:
•
Condition D (500g’s)
•
Mount the capacitor by its body securely on a fixture taking special care not to squeeze the leads.
•
While testing apply DC rated voltage. Record whether open or short circuiting, arching, or intermittent contact
occurs. Use detecting equipment capable of detecting a disruption at a period of time up to 0.5 ms.
•
At the conclusion of testing examine the capacitors for evidence of arcing, breakdown, or mechanical damage.
Thermal Shock: MIL-STD-202 – Method 107, Condition A (with step 3 at +125°C).
In accordance with MIL-PRF-39006, the following shall apply:.
•
Take measurements before and after cycling.
•
Take measurements at 15-minute intervals at 300 cycles (Group C).
•
Take final measurements at room temperature.
High Frequency Vibration: MIL-STD-202 - Method 204 includes the following:
•
Condition H (80g’s)
•
Mount the capacitor body securely on a fixture with the leads firmly supported.
•
Apply DC rated voltage while measuring specific electrical load conditions.
•
The vibration duration is 4 hours in two perpendicular directions for an overall time of 8 hours.
•
Take measurements during the last cycle vibration to determine open, short-circuiting or intermittent operation.
Use detecting equipment capable of detecting a disruption at a period of time of 0.5ms or greater. Assess the
units for mechanical damage and test for these electrical requirements:.
o
DC Leakage — Not greater than 1.25 initial limit
o
Capacitance — No change greater than ±5% of the initial limit
o
DF — Not greater than 1.15 of initial limit
Random Vibration: MIL-STD-202 – Method 214
•
Test condition II-K (51 g’s)
Salt atmosphere: MIL-STD-202 – Method 101
•
Condition B 48 hours
Solderability: MIL-STD-202 – Method 208
•
Test both terminations with the insertion depth of flux and solder within .062" of welded seam.
Lead Terminal Strength:
•
Pull Test: MIL-STD-202 – Method 211, condition A
•
Wire-lead bend: Per MIL-PRF-39006.
•
During the test securely clamp the capacitor body. Apply a force of 3 pounds or 1.4 kg for 30 seconds.
Moisture resistance: MIL-STD-202- Method 106, which includes the following:
•
Mount the capacitor body securely on a fixture taking special care not to squeeze the leads.
•
Apply 6 volts, polarizing and load voltage
•
At the time of the capacitors complete their final cycle remove them from the humidity chamber and measure
per MIL-PRF-30006 for DC Leakage, dissipation factor, and capacitance.
o
DCL: 125% (Maximum) of +25°C value of standard ratings table
o
∆Cap: Within ±8% of initial measurement
o
DF: 115% (maximum) of initial requirement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com