Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB3NC90Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB3NC90Z
Description  N-CHANNEL 900V - 3.2Ω - 3.5A D2PAK Zener-Protected PowerMESH™ III MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB3NC90Z Datasheet(HTML) 1 Page - STMicroelectronics

  STB3NC90Z Datasheet HTML 1Page - STMicroelectronics STB3NC90Z Datasheet HTML 2Page - STMicroelectronics STB3NC90Z Datasheet HTML 3Page - STMicroelectronics STB3NC90Z Datasheet HTML 4Page - STMicroelectronics STB3NC90Z Datasheet HTML 5Page - STMicroelectronics STB3NC90Z Datasheet HTML 6Page - STMicroelectronics STB3NC90Z Datasheet HTML 7Page - STMicroelectronics STB3NC90Z Datasheet HTML 8Page - STMicroelectronics STB3NC90Z Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
May 2001
STB3NC90Z
N-CHANNEL 900V - 3.2
Ω - 3.5A D2PAK
Zener-Protected PowerMESH™III MOSFET
(1)ISD ≤3.5A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(*).Limited only by maximum temperature allowed
s
TYPICAL RDS(on) = 3.2Ω
s
EXTREMELY HIGH dv/dt AND CAPABILITY GATE
TO - SOURCE ZENER DIODES
s
100% AVALANCHE TESTED
s
VERY LOW GATE INPUT RESISTANCE
s
GATE CHARGE MINIMIZED
DESCRIPTION
The third generation of MESH OVERLAY™ Power
MOSFETs for very high voltage exhibits unsurpassed
on-resistance per unit area while integrating back-to-
back Zener diodes between gate and source. Such ar-
rangement gives extra ESD capability with higher rug-
gedness performance as requested by a large variety
of single-switch applications.
APPLICATIONS
s
SINGLE-ENDED SMPS IN MONITORS,
COMPUTER AND INDUSTRIAL APPLICATION
s
WELDING EQUIPMENT
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STB3NC90
900V
< 3.5
Ω
3.5 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
900
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
900
V
VGS
Gate- source Voltage
± 25
V
ID
Drain Current (continuos) at TC = 25°C
3.5
A
ID
Drain Current (continuos) at TC = 100°C
2.2
A
IDM (q)
Drain Current (pulsed)
14
A
PTOT
Total Dissipation at TC = 25°C
100
W
Derating Factor
0.8
W/°C
IGS
Gate-source Current (*)
±50
mA
VESD(G-S)
Gate source ESD(HBM-C=100pF, R=15K
Ω)
2.5
KV
dv/dt
Peak Diode Recovery voltage slope
3
V/ns
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
D2PAK
1
3


Similar Part No. - STB3NC90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3NC90Z-1 STMICROELECTRONICS-STB3NC90Z-1 Datasheet
335Kb / 11P
N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESH™ II MOSFET
Jan-2001
More results

Similar Description - STB3NC90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NC90Z STMICROELECTRONICS-STP3NC90Z Datasheet
335Kb / 11P
N-CHANNEL 900V - 3.2ohm - 3.5A TO-220/TO-220FP/I2PAK Zener-Protected PowerMESH™ II MOSFET
Jan-2001
STP4NC80Z STMICROELECTRONICS-STP4NC80Z Datasheet
526Kb / 13P
N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
Dec-2002
STP5NC90Z STMICROELECTRONICS-STP5NC90Z Datasheet
516Kb / 13P
N-CHANNEL 900V - 2.1ohm - 4.6A TO-220/FP/D²PAK/I²PAK Zener-Protected PowerMESH™ II MOSFET
Dec-2002
STP6NC90Z STMICROELECTRONICS-STP6NC90Z Datasheet
532Kb / 13P
N-CHANNEL 900V - 1.55ohm - 5.4A TO-220/FP/D²PAK/I²PAK Zener-Protected PowerMESH™ 줚II MOSFET
July 2002
STP7NC70Z STMICROELECTRONICS-STP7NC70Z Datasheet
529Kb / 13P
N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
May-2003
STU8NC90Z STMICROELECTRONICS-STU8NC90Z Datasheet
413Kb / 10P
N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
Sep-2000
STW6NC90Z STMICROELECTRONICS-STW6NC90Z Datasheet
243Kb / 8P
N-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESH™ III MOSFET
Oct-2000
STW7NC90Z STMICROELECTRONICS-STW7NC90Z Datasheet
243Kb / 8P
N-CHANNEL 900V - 1.55ohm - 6A TO-247 Zener-Protected PowerMESH™ III MOSFET
May-2001
STW8NC90Z STMICROELECTRONICS-STW8NC90Z Datasheet
251Kb / 8P
N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH™ II MOSFET
Jul-2000
STB9NK90Z STMICROELECTRONICS-STB9NK90Z Datasheet
577Kb / 16P
N-CHANNEL 900V - 1.1Ohm - 8A - TO-220/FP-D2PAK-TO-247 Zener-Protected SuperMESH MOSFET
20-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com