Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMLD232UAW Datasheet(PDF) 14 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 14 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 15Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 16Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 17Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
14
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
Read Interrupted by a Read
A Burst Read can be interrupted before completion of the burst by new Read command of any bank. When the previous burst is inter-
rupted, the remaining addresses are overridden by the new address with the full burst length. The data from the first Read command
continues to appear on the outputs until the CAS latency from the interrupting Read command is satisfied. At this point the data from
the interrupting Read command appears. Read to Read interval is minimum 1 Clock.
Read Interrupted by a Write & Burst Stop
To interrupt a burst read with a write command, Burst Stop command must be asserted to avoid data contention on the I/O bus by
placing the DQs(Output drivers) in a high impedance state. To insure the DQs are tri-stated one cycle before the beginning of the
write operation, Burst stop command must be applied at least 2 clock cycles for CL=2 and at least 3 clock cycles for CL=3 before the
Write command.
The following functionality establishes how a Write command may interrupt a Read burst.
1. For Write commands interrupting a Read burst, a Burst Terminate command is required to stop the read burst and tristate the DQ
bus prior to valid input write data. Once the Burst Terminate command has been issued, the minimum delay to a Write command
=RU(CL) [CL is the CAS Latency and RU means round up to the nearest integer].
2. It is illegal for a Write command to interrupt a Read with autoprecharge command.
0
1
2
3
4
5
6
7
8
CK
CK
Command
NOP
NOP
NOP
NOP
NOP
NOP
NOP
DQS
DQs
Figure.7 Read interrupted by a read timing
< Burst Length=4, CAS Latency=3 >
READ A
tAC
READ B
Dout A0 Dout A1 Dout B0 Dout B1 Dout B2 Dout B3
tRPRE
Preamble
CAS Latency=3
0
1
2
3
4
5
6
7
8
CK
CK
Command
NOP
NOP
NOP
Burst Stop
NOP
NOP
tDQSS
DQS
DQs
Figure.8 Read interrupted by a Write and burst stop timing
< Burst Length=4, CAS Latency=3 >
READ
tAC
WRITE
Dout 0 Dout 1
tRPRE
Preamble
CAS Latency=3
tWPRES tWPREH
Din 0
Din 1 Din 2 Din 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com