Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3C99M Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # RT3C99M
Description  Composite Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3C99M Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  RT3C99M Datasheet HTML 1Page - Isahaya Electronics Corporation RT3C99M Datasheet HTML 2Page - Isahaya Electronics Corporation RT3C99M Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RT3C99M
Composite Transistor
For Muting Application
Silicon Npn Epitaxial Type
ISAHAYA ELECTRONICS CORPORATION
DC FORWARD CURRENT GAIN
VS. COLLECTOR CURRENT
10
100
1000
10000
0.1
1
10
100
COLLECTOR CURRENT IC(mA)
Ta=25℃
VCE=2V
DC REVERSE CURRENT GAIN
VS. COLLECTOR CURRENT
10
100
1000
10000
-0.1
-1
-10
-100
COLLECTOR CURRENT IC(mA)
Ta=25℃
VCE=-2V
COLLECTOR TO EMITTER SATURATION VOLTAGE
VS. COLLECTOR CURRENT
0.1
1
10
100
1000
0.1
1
10
100
1000
COLLECTOR CURRENT IC(mA)
Ta=25℃
IC/IB=10
ON RESISTANCE VS. BASE CURRENT
0.1
1
10
0.1
1
10
100
BASE CURRENT
IB(mA)
Ta=25℃
GAIN BAND WIDTH PRODUCT VS.
EMITTER CURRENT
10
100
-0.1
-1
-10
-100
EMITTER CURRENT
IE(mA)
Ta=25℃
VCE=6V
COLLECTOR OUTPUT CAPACITANCE
VS.COLLECTOR TO BASE VOLTAGE
1
10
100
0.1
1
10
100
COLLECTOR TO BASE VOLTAGE
VCB(V)
Ta=25℃
IE=0
f=1MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com