Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMD12324P Datasheet(PDF) 21 Page - Emerging Memory & Logic Solutions Inc

Part # EMD12324P
Description  512M: 16M x 32 Mobile DDR SDRAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMD12324P Datasheet(HTML) 21 Page - Emerging Memory & Logic Solutions Inc

Back Button EMD12324P Datasheet HTML 17Page - Emerging Memory & Logic Solutions Inc EMD12324P Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc EMD12324P Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc EMD12324P Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc EMD12324P Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc EMD12324P Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc EMD12324P Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc EMD12324P Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc EMD12324P Datasheet HTML 25Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
21
EMD12324P
512M: 16M x 32 Mobile DDR SDRAM
Rev 0.0
Preliminary
Operations
Bank/Row Activation
The Bank Activation command is issued by holding CASB and WEB high with CSB and RASB low at the rising edge of
the clock(CK). The DDR SDRAM has four independent banks, so two bank select addresses(BA0, BA1) are required.
The Bank Activation command must be applied before any READ or WRITE operation is executed. The delay from the
Bank Activation command to the first READ or WRITE command must meet or exceed the minimum of RAS to CAS
delay time(tRCD min). Once a bank has been activated, it must be precharged before another Bank Activation com-
mand can be applied to the same bank. The minimum time interval between interleaved Bank Activation com-
mands(Bank A to Bank B and vice versa) is the Bank to Bank delay time(tRRD min).
Bank Activation Command Cycle
CKB
CK
Address
Command
0
1
2
Tn
Tn+1
Tn+2
Bank B
Row Addr.
Bank A
Row. Addr.
3
Bank A
Row Address
Bank A
Col. Addr.
Bank A
Activate
NOP
NOP
Write
with Auto
Precharge
Bank B
Activate
NOP
Bank A
Activate
Row Cycle Time(tRC)
: Don'tcare
RAS - CAS delay(tRCD)
RAS - RAS delay time(tRRD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com