Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC646SP16K Datasheet(PDF) 49 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16K
Description  4Mx16 bit CellularRAM AD-MUX
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16K Datasheet(HTML) 49 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16K Datasheet HTML 44Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 45Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 46Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 47Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 48Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 49Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 50Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 51Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 52Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
EMC646SP16K
4Mx16 CellularRAM AD-MUX
49
Preliminary
Figure 36: Asynchronous WRITE Followed by Burst READ
Note:
1. Nondefault BCR settings for asynchronous WRITE, with ADV# LOW, followed by burst READ: fixed or variable latency, latency code 2 (3 clocks),
WAIT active LOW, WAIT asserted during delay.
2. When the divice is transitioning between asynchronous and variable-latency burst operations, CE# must go HIGH. CE# can stay LOW when the
device is transitioning to fixed-latency burst READs. A refresh opportunity must be provided every tCEM. A refresh opportunity is satisfied by
either of the following two conditions: a) clocked CE# HIGH, or b) CE# HIGH for longer than 15ns.
CLK
ADV#
CE#
OE#
WAIT
A/DQ[15:0]
A[21:16]
UB#/LB#
VIH
VIL
WE#
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
Note 2
Valid Address
Valid
Output
Valid
Output
Valid
Output
Valid
Output
tCBPH
tOHZ
tBOE
tACLK
tKOH
Valid Address
Data
tCLK
tSP
tHD
tSP
tHD
tAVS
tVP
tCW
tCSP
tWC
tBW
tSP
tSP tHD
tAS
tWP
tDW
tAVH
Valid Address
tAS
tAVS
tDH
tAVH
Valid Address
tSP
tHD
VOH
VOL
High-Z
tKHTL
tHD
Don’t Care
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com