Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM742SP16 Datasheet(PDF) 6 Page - Emerging Memory & Logic Solutions Inc

Part # EM742SP16
Description  256K x 16Bit Multiplexed Single Transistor RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM742SP16 Datasheet(HTML) 6 Page - Emerging Memory & Logic Solutions Inc

Back Button EM742SP16 Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM742SP16 Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
EM742SP16
256Kx16 Multiplexed STRAM
6
TIMING WAVEFORM OF READ CYCLE (1) ( WE = VIH )
TIMING DIAGRAMS
Device Operaton
The access is performed in two stages. The first stage is address latching. The first stage take place between point A and
B in timing diagram. At this stage, the Chip Select(CS) to the device is asserted. The random access is enabled either
from the point the address becomes stable, the falling edge of the AVD signal or from the falling edge of the last chip
select signal. The second stage is the read or write access. This takes place between points B and C in timing diagram.
In case of a read access, the multiplexed address/data bus (ADQ0 ~ ADQ15) changes its direction. It is important to notice
tOE when it is dominant that the device gets into the read cycle since the address is available long before the device
output is enabled.
Read Access
The read access is initiated by applying the address to the multiplexed address/data bus or to the address bus over A15
(A16 -> Axx). When the address is stable, the device chip select(CS) is set active low. At point A, the AVD signal is taken
low and the latch becomes transparent. This allows the address to be propagated to the memory array. The address is
stable at the rising edge of the AVD signal. The AVD signal goes high at point B in which the address latch is completed.
At this point the read cycle is entered. The OE signal is set active low. This changes the direction of the bus. The status
of control signals UB and LB are set according to the access. Data is read at point C.
tAVD
tACC1
tAVDS
tAVDH
Address Valid
Data Valid
tOHZ
tHZ
tBHZ
tACC2
tOE
tOLZ
tCSS
tACC3
tUBLBA
tBLZ
C
B
A
AVD
OE
CS
UB, LB
Address/Data
tADOE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com