Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC7V Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # CC7V
Description  SM Watch Crystal Mil Temp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

CC7V Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  CC7V Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
SM Watch Crystal Mil Temp
CC7V
20 Jun 2006
ACTUAL SIZE
0.70
0.70
0.90
(max)
3.30
(max)
1.60
(max)
SOLDER PAD LAYOUT
1.50
TOP VIEW
1.80
1.00
1.00
Features
« Miniature ceramic package
« High shock & vibration resistance
« Military temperature range option
« Low power consumption
Scale 3:1
Specifications
Product name + termination + option codes (if any) +
frequency
eg: CC7V-T1A 32.768kHz ±30ppm -40+85°C
CC7V-T1A/M 32.768kHz ±100ppm -55+125°C
Option code X (eg CC7V-T1A/X) denotes a custom spec.
Ordering Information
CC7V
Parameters
Product
Option
Code
Standard.
Optional - Please specify required code(s) when ordering
Available on T&R (3k, 7k or 14k pcs/reel) or trays (200pcs/tray).
Refer to our website for T&R and soldering details.
Ask about higher shock & vibration specifications.
Terminations:
Gold plated pads
T1A
Frequency range:
32.768kHz
Calibration tolerance:
±30ppm
±100ppm
specify
Operating temperature range:
-40 to +85°C
-55 to +125°C
M
Storage temperature range:
-55 to +125°C
Circuit condition:
9pF
12.5pF
specify
Static capacitance (C
0):
1.0pF typ
Motional capacitance (C
1):
4.0fF typ
Equivalent series resistance:
50k
typ, 70k
max
Ageing:
±3ppm max first year
Drive level:
1.0µW max
Turnover temperature (T
0):
+25°C ±5°C
Frequency / temp coefficient:
-0.035ppm/°C2 typ
Shock resistance:
±5ppm, 5,000g, 0.3ms, ½ sine
Vibration resistance:
±5ppm, 20g, 10.0 ~ 2,000Hz
Soldering condition:
Reflow, 260°C, 20 sec max


Similar Part No. - CC7V

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CC7V GOLLEDGE-CC7V Datasheet
52Kb / 1P
SM Watch Crystal Mil Temp
CC7V-T1A GOLLEDGE-CC7V-T1A Datasheet
52Kb / 1P
SM Watch Crystal Mil Temp
logo
MICORO CRYSTAL SWITZERL...
CC7V-T1A MICROCRYSTAL-CC7V-T1A Datasheet
124Kb / 2P
Tuning Fork Crystal 32.768 kHz
CC7V-T1A MICROCRYSTAL-CC7V-T1A Datasheet
428Kb / 2P
Tuning Fork Crystal 32.768 kHz
logo
Golledge Electronics Lt...
CC7V-T1A GOLLEDGE-CC7V-T1A Datasheet
552Kb / 4P
SM 32.768Khz Watch Crystal with Military Temperature Range
More results

Similar Description - CC7V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC4V ETC-CC4V Datasheet
55Kb / 1P
SM WATCH CRYSTAL MIL TEMP
logo
Golledge Electronics Lt...
CC5V GOLLEDGE-CC5V Datasheet
50Kb / 1P
SM Watch Crystal Mil Temp
CC4V GOLLEDGE-CC4V Datasheet
59Kb / 1P
SM Watch Crystal Mil Temp
CC7V GOLLEDGE-CC7V Datasheet
52Kb / 1P
SM Watch Crystal Mil Temp
MS1V GOLLEDGE-MS1V Datasheet
56Kb / 1P
SM Watch crystal
CC5V GOLLEDGE-CC5V_06 Datasheet
56Kb / 1P
SM Watch Crystal Mil Temp
MS1V GOLLEDGE-MS1V_06 Datasheet
60Kb / 1P
SM Watch Crystal
MS2V GOLLEDGE-MS2V_07 Datasheet
59Kb / 1P
SM Watch Crystal
CC5V GOLLEDGE-CC5V_16 Datasheet
125Kb / 1P
SM Watch Crystal
CM7V04 GOLLEDGE-CM7V04 Datasheet
120Kb / 1P
SM Watch Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com