Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7221AIMX Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC7221AIMX
Description  Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7221AIMX Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMC7221AIMX Datasheet HTML 1Page - National Semiconductor (TI) LMC7221AIMX Datasheet HTML 2Page - National Semiconductor (TI) LMC7221AIMX Datasheet HTML 3Page - National Semiconductor (TI) LMC7221AIMX Datasheet HTML 4Page - National Semiconductor (TI) LMC7221AIMX Datasheet HTML 5Page - National Semiconductor (TI) LMC7221AIMX Datasheet HTML 6Page - National Semiconductor (TI) LMC7221AIMX Datasheet HTML 7Page - National Semiconductor (TI) LMC7221AIMX Datasheet HTML 8Page - National Semiconductor (TI) LMC7221AIMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
2 kV
Differential Input Voltage
V
+ +0.3V, V− −0.3V
Voltage at Input
V
+ +0.3V, V− −0.3V
Voltage at Output Pin
15V
Supply Voltage (V
+–V−)
16V
Current at Input Pin (Note 6)
±5mA
Current at Output Pin
(Notes 3, 7)
±30 mA
Current at Power Supply Pin
40 mA
Lead Temperature (soldering,
10 sec.)
260˚C
Junction Temperature (Note 4)
150˚C
Operating Ratings (Note 1)
Supply Voltage
2.7
≤ V
CC
≤ 15V
Temperature Range (Note 4)
LMC7221AI, LMC7221BI
−40˚C to +85˚C
Thermal Resistance (
θ
JA)
8-Pin SOIC
180˚C/W
5-Pin SOT23
325˚C/W
2.7V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM =VO =V
+/2. Boldface limits apply at
the temperature extremes.
Typ
LMC7221AI
LMC7221BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
3
5
15
mV
818
max
TCV
OS
Input Offset Voltage
1.0
µV/˚C
Temperature Drift
Input Offset Voltage
(Note 9)
3.3
µV/Month
Average Drift
I
B
Input Current
0.04
pA
I
OS
Input Offset Current
0.02
pA
CMRR
Common Mode
0V
≤ V
CM
≤ 2.7V
75
dB
Rejection Ratio
PSRR
Power Supply
2.7V
≤ V+ ≤ 15V
80
dB
Rejection Ratio
A
V
Voltage Gain
100
dB
CMVR
Input Common-Mode
CMRR > 55 dB
3.0
2.9
2.9
V
Voltage Range
2.7
2.7
min
CMRR > 55 dB
−0.3
−0.2
−0.2
V
0.0
0.0
max
V
OL
Output Voltage Low
I
LOAD = 2.5 mA
0.2
0.3
0.3
V
0.4
0.4
max
I
S
Supply Current
V
OUT = Low
7
12
12
µA
14
14
max
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com