Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB5NB60 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB5NB60
Description  N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5NB60 Datasheet(HTML) 4 Page - STMicroelectronics

  STB5NB60 Datasheet HTML 1Page - STMicroelectronics STB5NB60 Datasheet HTML 2Page - STMicroelectronics STB5NB60 Datasheet HTML 3Page - STMicroelectronics STB5NB60 Datasheet HTML 4Page - STMicroelectronics STB5NB60 Datasheet HTML 5Page - STMicroelectronics STB5NB60 Datasheet HTML 6Page - STMicroelectronics STB5NB60 Datasheet HTML 7Page - STMicroelectronics STB5NB60 Datasheet HTML 8Page - STMicroelectronics STB5NB60 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Output Characteristics
Transconductance
Gate Charge vs Gate-source Voltage
Transfer Characteristics
Static Drain-source On Resistance
Capacitance Variations
STB5NB60
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com