Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603C4792GAC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # C0603C4792GAC
Description  Multilayer Ceramic Chip Capacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C0603C4792GAC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  C0603C4792GAC Datasheet HTML 1Page - List of Unclassifed Manufacturers C0603C4792GAC Datasheet HTML 2Page - List of Unclassifed Manufacturers C0603C4792GAC Datasheet HTML 3Page - List of Unclassifed Manufacturers C0603C4792GAC Datasheet HTML 4Page - List of Unclassifed Manufacturers C0603C4792GAC Datasheet HTML 5Page - List of Unclassifed Manufacturers C0603C4792GAC Datasheet HTML 6Page - List of Unclassifed Manufacturers C0603C4792GAC Datasheet HTML 7Page - List of Unclassifed Manufacturers C0603C4792GAC Datasheet HTML 8Page - List of Unclassifed Manufacturers C0603C4792GAC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type C Multilayer Ceramic Chip Capacitors
Ratings
* Insert proper letter code for desired tolerance:
±0.25 pF (C) is standard on values less than 10 pF
±5% (J) is standard on values ≥ 10 pF
Other Available tolerances:
Values less than 27 pF:
C = ±0.25 pF, D = ±0.5 pF
Values greater than 10 pF:
F = ±1%; G = ±2%;
H = ±2.5%
J = ±5%; K = ±10%; M = ±20%
^ Parts with caret (^) following catalog number are
2.500 pcs per reel
All others are 4,000 pcs per reel
COG (NPO) Temperature Coefficient
Cap
Catalog Part Number 0805 Size Code
Cap
Catalog Part Number 1206 Size Code
50 Vdc
100 Vdc
200 Vdc
50 Vdc
100 Vdc
200 Vdc
1.0 pF C0805C109*5GAC C0805C109*1GAC C0805C109*2GAC
1.0 pF C1206C109*5GAC C1206C109*1GAC C1206C109*2GAC
1.2 pF C0805C129*5GAC C0805C129*1GAC C0805C129*2GAC
1.2 pF C1206C129*5GAC C1206C129*1GAC C1206C129*2GAC
1.5 pF C0805C159*5GAC C0805C159*1GAC C0805C159*2GAC
1.5 pF C1206C159*5GAC C1206C159*1GAC C1206C159*2GAC
1.8 pF C0805C189*5GAC C0805C189*1GAC C0805C189*2GAC
1.8 pF C1206C189*5GAC C1206C189*1GAC C1206C189*2GAC
2.2 pF C0805C229*5GAC C0805C229*1GAC C0805C229*2GAC
2.2 pF C1206C229*5GAC C1206C229*1GAC C1206C229*2GAC
2.7 pF C0805C279*5GAC C0805C279*1GAC C0805C279*2GAC
2.7 pF C1206C279*5GAC C1206C279*1GAC C1206C279*2GAC
3.3 pF C0805C339*5GAC C0805C339*1GAC C0805C339*2GAC
3.3 pF C1206C339*5GAC C1206C339*1GAC C1206C339*2GAC
3.9 pF C0805C399*5GAC C0805C399*1GAC C0805C399*2GAC
3.9 pF C1206C399*5GAC C1206C399*1GAC C1206C399*2GAC
4.7 pF C0805C479*5GAC C0805C479*1GAC C0805C479*2GAC
4.7 pF C1206C479*5GAC C1206C479*1GAC C1206C479*2GAC
5.6 pF C0805C569*5GAC C0805C569*1GAC C0805C569*2GAC
5.6 pF C1206C569*5GAC C1206C569*1GAC C1206C569*2GAC
6.8 pF C0805C689*5GAC C0805C689*1GAC C0805C689*2GAC
6.8 pF C1206C689*5GAC C1206C689*1GAC C1206C689*2GAC
8.2 pF C0805C829*5GAC C0805C829*1GAC C0805C829*2GAC
8.2 pF C1206C829*5GAC C1206C829*1GAC C1206C829*2GAC
10 pF C0805C100*5GAC C0805C100*1GAC C0805C100*2GAC
10 pF C1206C100*5GAC C1206C100*1GAC C1206C100*2GAC
12 pF C0805C120*5GAC C0805C120*1GAC C0805C120*2GAC
12 pF C1206C120*5GAC C1206C120*1GAC C1206C120*2GAC
15 pF C0805C150*5GAC C0805C150*1GAC C0805C150*2GAC
15 pF C1206C150*5GAC C1206C150*1GAC C1206C150*2GAC
18 pF C0805C180*5GAC C0805C180*1GAC C0805C180*2GAC
18 pF C1206C180*5GAC C1206C180*1GAC C1206C180*2GAC
22 pF C0805C220*5GAC C0805C220*1GAC C0805C220*2GAC
22 pF C1206C220*5GAC C1206C220*1GAC C1206C220*2GAC
27 pF C0805C270*5GAC C0805C270*1GAC C0805C270*2GAC
27 pF C1206C270*5GAC C1206C270*1GAC C1206C270*2GAC
33 pF C0805C330*5GAC C0805C330*1GAC C0805C330*2GAC
33 pF C1206C330*5GAC C1206C330*1GAC C1206C330*2GAC
39 pF C0805C390*5GAC C0805C390*1GAC C0805C390*2GAC
39 pF C1206C390*5GAC C1206C390*1GAC C1206C390*2GAC
47 pF C0805C470*5GAC C0805C470*1GAC C0805C470*2GAC
47 pF C1206C470*5GAC C1206C470*1GAC C1206C470*2GAC
56 pF C0805C560*5GAC C0805C560*1GAC C0805C560*2GAC
56 pF C1206C560*5GAC C1206C560*1GAC C1206C560*2GAC
68 pF C0805C680*5GAC C0805C680*1GAC C0805C680*2GAC
68 pF C1206C680*5GAC C1206C680*1GAC C1206C680*2GAC
82 pF C0805C820*5GAC C0805C820*1GAC C0805C820*2GAC
82 pF C1206C820*5GAC C1206C820*1GAC C1206C820*2GAC
100 pF C0805C101*5GAC C0805C101*1GAC C0805C101*2GAC
100 pF C1206C101*5GAC C1206C101*1GAC C1206C101*2GAC
120 pF C0805C121*5GAC C0805C121*1GAC C0805C121*2GAC
120 pF C1206C121*5GAC C1206C121*1GAC C1206C121*2GAC
150 pF C0805C151*5GAC C0805C151*1GAC C0805C151*2GAC
150 pF C1206C151*5GAC C1206C151*1GAC C1206C151*2GAC
180 pF C0805C181*5GAC C0805C181*1GAC C0805C181*2GAC
180 pF C1206C181*5GAC C1206C181*1GAC C1206C181*2GAC
220 pF C0805C221*5GAC C0805C221*1GAC C0805C221*2GAC
220 pF C1206C221*5GAC C1206C221*1GAC C1206C221*2GAC
270 pF C0805C271*5GAC C0805C271*1GAC C0805C271*2GAC ^
270 pF C1206C271*5GAC C1206C271*1GAC C1206C271*2GAC
330 pF C0805C331*5GAC C0805C331*1GAC C0805C331*2GAC ^
330 pF C1206C331*5GAC C1206C331*1GAC C1206C331*2GAC
390 pF C0805C391*5GAC C0805C391*1GAC C0805C391*2GAC ^
390 pF C1206C391*5GAC C1206C391*1GAC C1206C391*2GAC
470 pF C0805C471*5GAC C0805C471*1GAC C0805C471*2GAC ^
470 pF C1206C471*5GAC C1206C471*1GAC C1206C471*2GAC
560 pF C0805C561*5GAC C0805C561*1GAC
560 pF C1206C561*5GAC C1206C561*1GAC C1206C561*2GAC
680 pF C0805C681*5GAC C0805C681*1GAC ^
680 pF C1206C681*5GAC C1206C681*1GAC C1206C681*2GAC
820 pF C0805C821*5GAC C0805C821*1GAC ^
820 pF C1206C821*5GAC C1206C821*1GAC C1206C821*2GAC
1000 pF C0805C102*5GAC C0805C102*1GAC ^
1000 pF C1206C102*5GAC C1206C102*1GAC C1206C102*2GAC ^
1200 pF C0805C122*5GAC
1200 pF C1206C122*5GAC C1206C122*1GAC C1206C122*2GAC ^
1500 pF C0805C152*5GAC
1500 pF C1206C152*5GAC C1206C152*1GAC C1206C152*2GAC ^
1800 pF C0805C182*5GAC
1800 pF C1206C182*5GAC C1206C182*1GAC C1206C182*2GAC ^
2200 pF C1206C222*5GAC C1206C222*1GAC ^
2700 pF C1206C272*5GAC C1206C272*1GAC ^
3300 pF C1206C332*5GAC C1206C332*1GAC ^
3900 pF C1206C392*5GAC C1206C392*1GAC ^
4700 pF C1206C472*5GAC
RoHS Compliant



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com