Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST722511R7T7 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST722511R7T7
Description  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST722511R7T7 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST722511R7T7 Datasheet HTML 23Page - STMicroelectronics ST722511R7T7 Datasheet HTML 24Page - STMicroelectronics ST722511R7T7 Datasheet HTML 25Page - STMicroelectronics ST722511R7T7 Datasheet HTML 26Page - STMicroelectronics ST722511R7T7 Datasheet HTML 27Page - STMicroelectronics ST722511R7T7 Datasheet HTML 28Page - STMicroelectronics ST722511R7T7 Datasheet HTML 29Page - STMicroelectronics ST722511R7T7 Datasheet HTML 30Page - STMicroelectronics ST722511R7T7 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
27/164
5.3 LOW CONSUMPTION OSCILLATOR
The fOSC main clock of the ST7 can be generated
by two different source types:
s
an external source
s
a crystal or ceramic resonator oscillators
The associated hardware configuration are shown
in Table 4. Refer to the electrical characteristics
section for more details.
External Clock Source
In this external clock mode, a clock signal (square,
sinus or triangle) with ~50% duty cycle has to drive
the OSC1 pin while the OSC2 pin is tied to ground.
Crystal/Ceramic Oscillator
This oscillator (based on constant current source)
is optimized in terms of consumption and has the
advantage of producing a very accurate rate on
the main clock of the ST7.
When using this oscillator, the resonator and the
load capacitances have to be connected as shown
in Table 4 and have to be mounted as close as
possible to the oscillator pins in order to minimize
output distortion and start-up stabilization time.
This oscillator is not stopped during the RESET
phase to avoid losing time in the oscillator start-up
phase.
These oscillators are not stopped during the
RESET phase to avoid losing time in the oscillator
start-up phase.
Table 4. ST7 Clock Sources
Hardware Configur ation
OSC1
OSC2
EXTERNAL
ST7
SOURCE
VDD
ROBP
OSC1
OSC2
LOAD
CAPACITORS
ST7
CL2
CL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com