Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THV312 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # THV312
Description  0.35A High Voltage Rectifier Assembly
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

THV312 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  THV312 Datasheet HTML 1Page - TAITRON Components Incorporated THV312 Datasheet HTML 2Page - TAITRON Components Incorporated THV312 Datasheet HTML 3Page - TAITRON Components Incorporated THV312 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.35A High Voltage Rectifier Assembly
Rev. A/AH 2008-02-21
THV308 – THV316
www.taitroncomponents.com
Page 2 of 4
Fig.1- Forward Current Derating Curve
Ambient Temperature (°C)
Fig.2-Max. Non-Repetitive Peak Forward Surge Rating
Number of Cycles at 60Hz
Note: Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Typical Characteristics Curves
Symbol
Description
THV308
THV310
THV312
THV314
THV315
THV316
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage
10.0
12.0
15.0
V
IF=350mA
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage
5.0
µA
TJ
Operating Temperature
Range
-40 to +130
° C
TSTG
Storage Temperature
Range
-40 to +130
° C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com