Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXO_PC52 Datasheet(PDF) 4 Page - Fox Electronics

Part # FXO_PC52
Description  LVPECL 5 x 3.2mm 2.5V Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO_PC52 Datasheet(HTML) 4 Page - Fox Electronics

  FXO_PC52 Datasheet HTML 1Page - Fox Electronics FXO_PC52 Datasheet HTML 2Page - Fox Electronics FXO_PC52 Datasheet HTML 3Page - Fox Electronics FXO_PC52 Datasheet HTML 4Page - Fox Electronics FXO_PC52 Datasheet HTML 5Page - Fox Electronics FXO_PC52 Datasheet HTML 6Page - Fox Electronics FXO_PC52 Datasheet HTML 7Page - Fox Electronics FXO_PC52 Datasheet HTML 8Page - Fox Electronics FXO_PC52 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FXO-PC52 Series
Page 4 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Note1
An optional PIN # 2 as Enable / Disable is available – see Model Selection Guide (page 2)
Output Wave Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Low Output Voltage
VOL
0.75 MHz to 1.0 GHz
0.68V Typ
High Output Voltage
VOH
0.75 MHz to 1.0 GHz
1.4V Typ
Output Symmetry (See Drawing Below)
@ 50% VP-P Level
45% ~ 55%
Output Enable
Note1
(PIN # 1) Voltage
VIH
≥ 70% V
DD
Output Disable
Note1
(PIN # 1) Voltage
VIL
≤ 30% V
DD
Cycle Rise Time (See Drawing Below)
TR
0.75 MHz to 1.0 GHz
400 pS (20%~80% Vp-p)
Cycle Fall Time (See Drawing Below)
TF
0.75 MHz to 1.0 GHz
400 pS (80%~20% Vp-p)
Period
1/2 Period
OUTPUT 1
OUTPUT 2
Oscillator Symmetry
20% to 80 %
DD
50% V
Rise Time / Fall Time Measurements
Ideally, Symmetry should be 50/50 for 1/2 period -- Other expressions are 45/55 or 55/45
R
T
F
T
OUTPUT 1
OUTPUT 2
1.4V Typ.
0.68V Typ.
1.4V Typ.
0.68V Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com