Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC49S Datasheet(PDF) 1 Page - Fox Electronics

Part # HC49S
Description  RESISTANCE WELD THRU-HOLE CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

HC49S Datasheet(HTML) 1 Page - Fox Electronics

  HC49S Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21
© 2004 FOX ELECTRONICS
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +001(239)693-0099 FAX +001(239)693-1554 http://www.foxonline.com
RESISTANCE WELD THRU-HOLE CRYSTAL
HC49S
1 Other tolerances, stabilities & operating temperature ranges available. Consult Fox Customer Service for
specific requirements.
2 Crystal has a ±30ppm tolerance specification for all standard part numbers. These part numbers are listed in
the Fox catalog on the Standard Crystal table.
All specifications subject to change without notice. Rev.
2/25/04
OPTIONS
• Tolerances to < 10 PPM
• Stabilities to < 5 PPM
• Temperatures to -40ºC ~ +85ºC
• 4 Pad HC49SPX (Alternate to FPX)
• 2.5mm Height Max (HC49SS)
FEATURES
• Low Cost
• Stocking Standard
• Fundamental to 50 MHz
• Resistance Weld
PARAMETERS
Frequency Range
Frequency Tolerance2 @ 25ºC
Frequency Stability, ref @ 25ºC
Over Operating Temp Range
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging per year
3.200 ~ 70.000 MHz
±50 PPM
±50 PPM
-20ºC ~ +70ºC
-40ºC ~ +85ºC
7.0 pF
10 pF ~ Series
(Customer Specified)
0.5 mW
±5 PPM
• STANDARD SPECIFICATIONS1
3.200 ~ 3.500
3.500+ ~ 4.000
4.000+ ~ 5.000
5.000+ ~ 6.000
6.000+ ~ 7.000
7.000+ ~ 9.000
9.000+ ~ 13.000
13.000+ ~ 20.000
20.000+ ~ 50.000
27.000 ~ 70.000
Frequency Range
(MHz)
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
3rd OT
300
200
150
120
100
80
60
40
30
100
Operating Mode
Max ESR
All dimensions are in millimeters.
MAX (unless otherwise noted)
DISCONTINUED


Similar Part No. - HC49S

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
HC49S KSS-HC49S Datasheet
138Kb / 1P
Miniature Quartz Crystal Unit for Microprocessor Model HC-49/U-S
logo
Vanlong Technology Co.,...
HC49S VANLONG-HC49S Datasheet
32Kb / 1P
Low Profile Resistance Weld Crystal
HC49S VANLONG-HC49S Datasheet
46Kb / 1P
Low Profile Resistance Weld Crystal
logo
IQD Frequency Products ...
HC49S IQD-HC49S Datasheet
130Kb / 1P
Quartz Crystal Specification
logo
Transko Electronics, In...
HC49S TRANSKO-HC49S Datasheet
157Kb / 1P
STANDARD HC49/S THROUGH HOLE CRYSTAL (11.5 x 4.7 x 3.5mm)
REV.3 10-10-19
More results

Similar Description - HC49S

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
HC49SLF FOX-HC49SLF Datasheet
136Kb / 2P
Resistance Weld Thru-Hole Crystal
HC49U FOX-HC49U Datasheet
61Kb / 1P
RESISTANCE WELD THRU-HOLE CRYSTAL
HC80U FOX-HC80U Datasheet
65Kb / 1P
RESISTANCE WELD THRU-HOLE CRYSTAL
HC49SLF FOX-HC49SLF_13 Datasheet
365Kb / 2P
Resistance Weld Thru-Hole Crystal
FOXLF036S FOX-FOXLF036S Datasheet
161Kb / 2P
Resistance Weld Thru-Hole Crystal
HC49SLF FOX-HC49SLF_14 Datasheet
134Kb / 2P
Resistance Weld Thru-Hole Crystal
FOXSLF-036S FOX-FOXSLF-036S Datasheet
134Kb / 2P
Resistance Weld Thru-Hole Crystal
FOXSLF-040A FOX-FOXSLF-040A Datasheet
134Kb / 2P
Resistance Weld Thru-Hole Crystal
FOXSLF-080-20 FOX-FOXSLF-080-20 Datasheet
134Kb / 2P
Resistance Weld Thru-Hole Crystal
FOXSLF-184-20 FOX-FOXSLF-184-20 Datasheet
134Kb / 2P
Resistance Weld Thru-Hole Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com