Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXO-PC520-622.08 Datasheet(PDF) 3 Page - Fox Electronics

Part # FXO-PC520-622.08
Description  LVPECL 5 x 3.2mm 2.5V Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-PC520-622.08 Datasheet(HTML) 3 Page - Fox Electronics

  FXO-PC520-622.08 Datasheet HTML 1Page - Fox Electronics FXO-PC520-622.08 Datasheet HTML 2Page - Fox Electronics FXO-PC520-622.08 Datasheet HTML 3Page - Fox Electronics FXO-PC520-622.08 Datasheet HTML 4Page - Fox Electronics FXO-PC520-622.08 Datasheet HTML 5Page - Fox Electronics FXO-PC520-622.08 Datasheet HTML 6Page - Fox Electronics FXO-PC520-622.08 Datasheet HTML 7Page - Fox Electronics FXO-PC520-622.08 Datasheet HTML 8Page - Fox Electronics FXO-PC520-622.08 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
FXO-PC52 Series
Page 3 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Electrical Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Frequency Range
FO
0.750 MHz to 1.0 GHz
Frequency Stability
1
100, 50, 25, & 20 ppm
Temperature Range
TO
TSTG
Standard operating
Optional operating
Storage
-20°C to +70°C
-40°C to +85°C
-55°C to +125°C
Supply Voltage
VDD
Standard
2.5 V ± 5%
Input Current (@ Standard Load)
IDD
0.750 ~ 20.000 MHz
20.000+ ~ 220.000 MHz
220.000+ ~ 630.000 MHz
630.000+ MHz ~ 1.000 GHZ
33 mA
41 mA
63 mA
72 mA
Output Load
Standard
50 Ohms into VDD-2VDC. TYP.
Start-Up Time
TS
10 mS
Output Enable / Disable Time
100 nS
Moisture Sensitivity Level
MSL
JEDEC J-STD-20
1
Termination Finish
Au
Note 1 – Stability is inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, aging, shock and vibration.
Absolute Maximum Ratings
(Useful life may be impaired. For user guidelines only, not tested.
Operation is only guaranteed for voltage and temperature specifications in Electrical Characteristics section.)
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Input Voltage
VDD
–0.5V to +5.0V
Operating Temperature
TAMAX
–55°C to +105°C
Storage Temperature
TSTG
–55°C to +125°C
Junction Temperature
150°C
ESD Sensitivity
HBM
Human Body Model
> 1 kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com