Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST722511R7T3 Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST722511R7T3
Description  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST722511R7T3 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST722511R7T3 Datasheet HTML 143Page - STMicroelectronics ST722511R7T3 Datasheet HTML 144Page - STMicroelectronics ST722511R7T3 Datasheet HTML 145Page - STMicroelectronics ST722511R7T3 Datasheet HTML 146Page - STMicroelectronics ST722511R7T3 Datasheet HTML 147Page - STMicroelectronics ST722511R7T3 Datasheet HTML 148Page - STMicroelectronics ST722511R7T3 Datasheet HTML 149Page - STMicroelectronics ST722511R7T3 Datasheet HTML 150Page - STMicroelectronics ST722511R7T3 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
147/164
12.9 CONTROL PIN CHARACTERISTICS
12.9.1 Asynchronous RESET Pin
Subject to general operating condition for VDD,fOSC, and TA unless otherwise specified.
Figure 86. Typical Application with RESET pin 5)
12.9.2 VPP Pin
Subject to general operating condition for VDD,fOSC, and TA unless otherwise specified.
Figure 87. Two typical Applications with VPP Pin
7)
Notes:
1. Unless otherwise specified, typical data are based on TA=25°C and VDD=5V.
2. Data based on characterization results, not tested in production.
3. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
4. The RON pull-up equivalent resistor is based on a resistive transistor. This data is based on characterization results,
not tested in production.
5. The reset network protects the device against parasitic resets, especially in a noisy environment.
6. Data based on design simulation and/or technology characteristics, not tested in production.
7. When the in-circuit programming mode is not required by the application VPP pin must be tied to VSS.
Symbol
Parameter
Condit ions
Min
Typ 1)
Max
Unit
VIL
Input low level voltage 2)
0.3xV
DD
V
VIH
Input high level voltage 2)
0.7xV
DD
Vhys
Schmitt trigger voltage hysteresis 3)
400
mV
RON
Weak pull-up equivalent resistor 4)
VIN=VSS VDD=5V
20
60
k
Ω
tw(RSTL)out Generated reset pulse duration
Watchdog reset source
1
µs
th(RSTL)in External reset pulse hold time
20
µs
RESET
VDD
WATCHDOG RESET
ST72XXX
LVD RESET
INTERNAL RESET CONTROL
RON
0.1
µF
VDD
0.1
µF
VDD
4.7k
Ω
EXTERNAL
RESET
CIRCUIT
Symbol
Parameter
Conditio ns
Min
Max
Unit
VIL
Input low level voltage 6)
VSS
0.2
V
VIH
Input high level voltage 6)
VDD-0.1
12.6
VPP
ST72XXX
4.7k
Ω
PROGRAMMING
TOOL
VPP
ST72XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com