Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST722511R7T3 Datasheet(PDF) 151 Page - STMicroelectronics

Part # ST722511R7T3
Description  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST722511R7T3 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button ST722511R7T3 Datasheet HTML 147Page - STMicroelectronics ST722511R7T3 Datasheet HTML 148Page - STMicroelectronics ST722511R7T3 Datasheet HTML 149Page - STMicroelectronics ST722511R7T3 Datasheet HTML 150Page - STMicroelectronics ST722511R7T3 Datasheet HTML 151Page - STMicroelectronics ST722511R7T3 Datasheet HTML 152Page - STMicroelectronics ST722511R7T3 Datasheet HTML 153Page - STMicroelectronics ST722511R7T3 Datasheet HTML 154Page - STMicroelectronics ST722511R7T3 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
151/164
COMMUNICATIONS INTERFACE CHARACTERISTICS (Cont’d)
12.11.2 SCI - Serial Communications Interface
Subject to general operating condition for VDD,fO-
SC, and TA unless otherwise specified.
Refer to I/O port characteristics for more details on
the input/output alternate function characteristics
(RDI and TDO).
12.11.3 CAN - Controller Area Network Interface
Subject to general operating condition for VDD,fO-
SC, and TA unless otherwise specified.
Refer to I/O port characteristics for more details on
the input/output alternate function characteristics
(CANTX and CANRX).
Symbol
Parameter
Condi tions
Standard
Baud
Rate
Unit
fCPU
Accuracy
vs. Standard
Prescaler
fTx
fRx
Communication frequency
8MHz
~0.16%
Conventional Mode
TR (or RR)=64, PR=13
TR (or RR)=16, PR=13
TR (or RR)= 8, PR=13
TR (or RR)= 4, PR=13
TR (or RR)= 2, PR=13
TR (or RR)= 8, PR= 3
TR (or RR)= 1, PR=13
300
1200
2400
4800
9600
10400
19200
~300.48
~1201.92
~2403.84
~4807.69
~9615.38
~10416.67
~19230.77
Hz
Extended Mode
ETPR (or ERPR) = 13
38400 ~38461.54
~0.79%
Extended Mode
ETPR (or ERPR) = 35
14400 ~14285.71
Symbol
Parameter
Condit ions
Min
Typ
Max
Unit
tp(RX:TX) CAN controller propagation time
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com