Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9004 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9004
Description  300mA, Low Noise, Ultra-Fast CMOS Triple LDOs Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9004 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9004 Datasheet HTML 1Page - Richtek Technology Corporation RT9004 Datasheet HTML 2Page - Richtek Technology Corporation RT9004 Datasheet HTML 3Page - Richtek Technology Corporation RT9004 Datasheet HTML 4Page - Richtek Technology Corporation RT9004 Datasheet HTML 5Page - Richtek Technology Corporation RT9004 Datasheet HTML 6Page - Richtek Technology Corporation RT9004 Datasheet HTML 7Page - Richtek Technology Corporation RT9004 Datasheet HTML 8Page - Richtek Technology Corporation RT9004 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT9004
Preliminary
1
DS9004-00 February 2008
www.richtek.com
Features
Short Circuit Thermal Folded Back Protection
Low-Noise for RF Application
Fast Response in Line/Load Transient
Quick Start-Up (Typically 50us)
Low Dropout : 220mV @ 300mA
Wide Operating Voltage Ranges : 2.5V to 5.5V
TTL-Logic-Controlled Shutdown Input
Low Temperature Coefficient
Thermal Shutdown Protection
Only 1uF Output Capacitor Required for Stability
High Power Supply Rejection Ratio
Custom Voltage Available
Small 10-Lead VDFN and WDFN Packages
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configurations
Applications
CDMA/GSM Cellular Handsets
Battery-Powered Equipment
Laptop, Palmtops, Notebook Computers
Hand-Held Instruments
PCMCIA Cards
Portable Information Appliances
Ordering Information
General Description
The RT9004 is designed for portable RF and wireless
applications with demanding performance and space
requirements. The RT9004 performance is optimized for
battery-powered systems to deliver ultra low noise and
low quiescent current. Regulator ground current increases
only slightly in dropout, further prolonging the battery life.
The RT9004 also works with low-ESR ceramic capacitors,
reducing the amount of board space necessary for power
applications, critical in hand-held wireless devices. The
RT9004 consumes less than 0.01uA in shutdown mode
and has fast turn-on time less than 50us. RT9004 is short
circuit thermal folded back protected. RT9004 lowers its
OTP trip point from 165
°C to 110°C when output short
circuit occurs (VOUT < 0.4V) providing maximum safety to
end users. The other features include ultra low dropout
voltage, high output accuracy, current limiting protection,
and high ripple rejection ratio. Available in the VDFN-10L
3x3 and WDFN-10L 3x3 packages, the RT9004 also offers
custom voltage, range of 1.5V to 3.5V with 0.1V per step.
(TOP VIEW)
V/WDFN-10L 3x3
300mA, Low Noise, Ultra-Fast CMOS Triple LDOs Regulator
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area, otherwise visit our website for detail.
RT9004
Package Type
QV : VDFN-10L 3x3 (V-Type)
QW : WDFN-10L 3x3 (W-Type)
Voltage Version : VOUT1/VOUT2/VOUT3
A : 2.8V/2.5V/1.8V
B : 3.0V/2.5V/1.8V
C : 2.8V/2.8V/1.8V
D : 2.8V/1.8V/1.8V
E : 3.3V/2.8V/1.8V
F : 3.3V/2.8V/2.8V
G : 2.5V/2.8V/2.5V
H : 2.8V/2.8V/1.5V
J : 1.5V/3.3V/3.3V
K : 3.0V/3.0V/1.8V
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
VOUT1
VOUT2
EN3
VOUT3
VIN1
EN1
VIN2
VIN3
EN2
9
8
7
1
2
3
4
5
10
GND
GND
11


Similar Part No. - RT9004

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12GG RICHTEK-RT9001-12GG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12PG RICHTEK-RT9001-12PG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13GG RICHTEK-RT9001-13GG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13PG RICHTEK-RT9001-13PG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
More results

Similar Description - RT9004

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com