Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9004APQV Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9004APQV
Description  300mA, Low Noise, Ultra-Fast CMOS Triple LDOs Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9004APQV Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9004APQV Datasheet HTML 1Page - Richtek Technology Corporation RT9004APQV Datasheet HTML 2Page - Richtek Technology Corporation RT9004APQV Datasheet HTML 3Page - Richtek Technology Corporation RT9004APQV Datasheet HTML 4Page - Richtek Technology Corporation RT9004APQV Datasheet HTML 5Page - Richtek Technology Corporation RT9004APQV Datasheet HTML 6Page - Richtek Technology Corporation RT9004APQV Datasheet HTML 7Page - Richtek Technology Corporation RT9004APQV Datasheet HTML 8Page - Richtek Technology Corporation RT9004APQV Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT9004
Preliminary
2
DS9004-00 February 2008
www.richtek.com
Typical Application Circuit
Functional Pin Description
VIN1
GND
VOUT1
RT9004
V
IN
V
OUT1
VIN2
1uF
VOUT2
VOUT3
VIN3
V
OUT2
V
OUT3
C
OUT
2.2uF
C
IN
EN1
EN2
EN3
Chip Shutdown
Chip Enable
VIN1
GND
VOUT1
RT9004
V
IN1
V
OUT1
VIN2
1uF
VOUT2
VOUT3
VIN3
V
OUT2
V
OUT3
C
OUT
1uF
C
IN
EN1
EN2
EN3
Chip Shutdown
Chip Enable
V
IN2
V
IN3
Pin Number
Pin Nam e
Pin Function
1
VOUT1
Output Voltage 1.
2
VOUT2
Output Voltage 2.
3
Exposed Pad (11)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to GND
for maximum power dissipation.
4
VOUT3
Output Voltage 3.
5
EN3
Chip Enable 3 (Active High). Note that this pin is high impedance. There should be a
pull low 100k
Ω resistor connected to GND when the control signal is floating.
6
VIN3
Input Voltage 3.
7
EN2
Chip Enable 2 (Active High). Note that this pin is high impedance. There should be a
pull low 100k
Ω resistor connected to GND when the control signal is floating.
8
VIN2
Input Voltage 2.
9
EN1
Chip Enable 1 (Active High). Note that this pin is high impedance. There should be a
pull low 100k
Ω resistor connected to GND when the control signal is floating.
10
VIN1
Input Voltage 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com