Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEU60 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SEU60
Description  63W Enclosed Switching Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SEU60 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SEU60 Datasheet HTML 1Page - List of Unclassifed Manufacturers SEU60 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SEU60 SERIES
Output Voltage And Current Rating Chart (Single Output) :
Output #1
Output #2
Output #3
Output #4
Model
Number
Vonom
Iomin
Iomax Regmax Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax Regmax Vonom
Iomin
Iomax
Regmax
Maximum
Output
Powe
r
SEU60-200
+3.3V
0.7A
7A
6%
+12V
0.3A
3A
5%
59.1W
SEU60-201
+5V
0.7A
7A
5%
+12V
0.3A
3A
5%
63W
SEU60-202
+5V
0.7A
7A
5%
+15V
0.3A
3A
5%
63W
SEU60-203
+5V
0.7A
7A
5%
+24V
0.2A
2A
5%
63W
SEU60-204
+3.3V
0.7A
7A
6%
+5V
0.5A
5A
5%
48.1W
SEU60-215
+5V
0.7A
7A
5%
-24V
0.2A
2A
5%
63W
SEU60-218
+3.3V
0.5A
5A
6%
+48V
0.1A
1.25A
5%
63W
SEU60-219
+5V
0.5A
5A
5%
+28V
0.2A
2A
5%
63W
SEU60-220
+5V
0.5A
5A
5%
+35V
0.1A
1.5A
5%
63W
SEU60-221
+5V
0.5A
5A
5%
+36V
0.1A
1.5A
5%
63W
SEU60-300
+3.3V
0.6A
6A
6%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
63W
SEU60-300-1
+3.3V
0.6A
6A
6%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
63W
SEU60-301
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-5V
0A
0.8A
5%
63W
SEU60-301-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+5V
0A
0.8A
5%
63W
SEU60-302
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
63W
SEU60-302-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
63W
SEU60-303
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
63W
SEU60-303-1
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
63W
SEU60-304
+5V
0.6A
6A
5%
+24V
0.2A
2A
5%
-24V
0A
0.5A
5%
63W
SEU60-304-1
+5V
0.6A
6A
5%
+24V
0.2A
2A
5%
+24V
0A
0.5A
5%
63W
SEU60-305
+5V
0.6A
6A
5%
+24V
0.2A
2A
5%
-12V
0A
0.8A
5%
63W
SEU60-305-1
+5V
0.6A
6A
5%
+24V
0.2A
2A
5%
+12V
0A
0.8A
5%
63W
SEU60-306
+3.3V
0.6A
6A
6%
+12V
0.3A
3A
5%
-5V
0A
0.8A
5%
59.8W
SEU60-306-1
+3.3V
0.6A
6A
6%
+12V
0.3A
3A
5%
+5V
0A
0.8A
5%
59.8W
SEU60-307
+5V
0.6A
6A
5%
+10V
0.2A
2A
5%
-10V
0A
1A
5%
60W
SEU60-307-1
+5V
0.6A
6A
5%
+10V
0.2A
2A
5%
+10V
0A
1A
5%
60W
SEU60-308
+3.3V
0.5A
5A
6%
+5V
0.5A
5A
5%
+12V
0A
1A
5%
53.5W
SEU60-308-1
+3.3V
0.5A
5A
6%
+5V
0.5A
5A
5%
-12V
0A
1A
5%
53.5W
SEU60-400
+3.3V
0.6A
6A
6%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SEU60-400-1
+3.3V
0.6A
6A
6%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SEU60-400-2
+3.3V
0.6A
6A
6%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SEU60-400-3
+3.3V
0.6A
6A
6%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SEU60-401
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SEU60-401-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SEU60-401-2
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SEU60-401-3
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SEU60-402
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
+12V
0A
0.8A
5%
63W
SEU60-402-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
+12V
0A
0.8A
5%
63W
SEU60-402-2
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
-12V
0A
0.8A
5%
63W
SEU60-402-3
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
-12V
0A
0.8A
5%
63W
SEU60-403
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
+24V
0A
0.8A
5%
63W
SEU60-403-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
+24V
0A
0.8A
5%
63W
SEU60-403-2
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
-24V
0A
0.8A
5%
63W
SEU60-403-3
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
-24V
0A
0.8A
5%
63W
SEU60-404
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SEU60-404-1
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SEU60-404-2
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SEU60-404-3
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SEU60-423
+5V
0.1A
1A
5%
+24V
0.1A
1.8A
5%
-15V
0A
0.1A
5%
+12V
0A
0.8A
5%
59.3W
Model Number
Output Voltage
Output Current
Total Regulation
Maximum
Output Power
SEU60-101
03 ~ 05 VDC
16.6 ~ 10.0 A
5%
50W
SEU60-102
05 ~ 06 VDC
11.0 ~ 9.16 A
5%
55W
SEU60-103
06 ~ 08 VDC
10.0 ~ 7.50 A
4%
60W
SEU60-104
08 ~ 11 VDC
7.87 ~ 5.72 A
3%
63W
SEU60-105
11 ~ 13 VDC
5.72 ~ 4.84 A
3%
63W
SEU60-106
13 ~ 16 VDC
4.84 ~ 3.93 A
3%
63W
SEU60-107
16 ~ 21 VDC
3.93 ~ 3.00 A
3%
63W
SEU60-108
21 ~ 27 VDC
3.00 ~ 2.33 A
2%
63W
SEU60-109
27 ~ 33 VDC
2.33 ~ 1.90 A
2%
63W
SEU60-110
33 ~ 40 VDC
1.90 ~ 1.57 A
2%
63W
SEU60-111
40 ~ 50 VDC
1.57 ~ 1.26 A
2%
63W
Output Voltage And Current Rating Chart ( Multi Output ) :
Mechanical Specifications :
Note:
1. Dimensions are shown in mm.
2. Weight: 475gs approx.
3. Input connector mates with Molex housing 09-50-3051
and Molex 2878 series crimp terminal.
4. Output connector mates with Molex housing 09-50-3061
(or 09-50-3081) and Molex 2878 series crimp terminal.
PIN CHART
SEU60-1XX
SEU60-2XX
SEU60-3XX
SEU60-4XX
RETURN
COMMON
COMMON
COMMON
MODEL
PIN
Output #1
1
2
3
4
5
6
7
8
Output #2
Output #2
Output #2
Output #1
Output #1
Output #1
Output #1
Output #1
Output #1
Output #1
Output #1
N/C
Output #3
Output #3 Output #4 Output #4
RETURN
COMMON
COMMON
COMMON
RETURN
63W Enclosed Switching Power Supplies For I.T.E.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com