Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR6DM Datasheet(PDF) 1 Page - Tyco Electronics

Part # SR6DM
Description  Rev. EK1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR6DM Datasheet(HTML) 1 Page - Tyco Electronics

  SR6DM Datasheet HTML 1Page - Tyco Electronics SR6DM Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Safety Relay SR6 D/M
I 4 pole safety relay with either
2 NO+2 NC or 3 NO+1 NC contacts
I Forcibly guided contacts according to EN 50205
I Rated current 8 A
I High insulation distances for safe separation of
electrical circuits
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0407
Applications
Emergency shut-off, press control, machine control, elevator
and escalator control, safety modules
F0245-A
Approvals
V REG.-Nr. 128935, Z E214024, T 968/EL 141.01/03
Technical data of approved types on request
Contact data
Contact configuration
3 NO contacts and 1 NC contact
or
2 NO contacts and 2 NC contacts
Contact set
single contact, forcibly guided
type A according to EN 50205
Type of interruption
micro disconnection
Rated current
8 A
Rated voltage / max.switching voltage AC
240/400 VAC
Maximum breaking capacity AC
2000 VA
Utilization class (AC-15) acc. IEC 60947-5-1
NO contact
Ie 3A/Ue 250 VAC (inrush 30 A)
NC contact
Ie 1.5A/Ue 250 VAC (inrush 15 A)
Contact material
AgSnO2
Minimum contact load
10 mA / 5 V
Contact resistance
w 100 mOhm / 1 A / 24 VDC
w 20 Ohm / 10 mA / 5 VDC
Mechanical endurance
10x106 cycles
Rated frequency of operation with / without load
6 min-1 / 150 min-1
Coil data
Rated coil voltage range DC coil
5...110 VDC
Coil power DC coil
appr. 1200 mW
Operative range
2
Coil versions, DC-coil
Coil
Rated
Operate
Release/Reset
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
005
5
3.8
0.5
21+10%
1190
006
6
4.5
0.6
30+10%
1200
009
9
6.8
0.9
68+10%
1191
012
12
9.0
1.2
120+10%
1200
018
18
13.5
1.8
270+10%
1200
021
21
15.8
2.1
368+10%
1198
024
24
18.0
2.4
480+10%
1200
036
36
27.0
3.6
1080+10%
1200
040
40
30.0
4.0
1333+10%
1200
048
48
36.0
4.8
1920+10%
1200
060
60
45.0
6.0
3000+12%
1200
085
85
64.0
8.5
6021+12%
1200
110
110
82.5
11.0
10080+12%
1200
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - SR6DM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR6DM MACOM-SR6DM Datasheet
233Kb / 3P
Safety Relay SR6 D/M
SR6DM MACOM-SR6DM_09 Datasheet
233Kb / 3P
Safety Relay SR6 D/M
More results

Similar Description - SR6DM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MN54AC2525-X NSC-MN54AC2525-X Datasheet
15Kb / 6P
MN54AC2525-X REV 1B0
MNDS7820A NSC-MNDS7820A Datasheet
143Kb / 9P
MNDS7820A-X REV 0A0
logo
Freescale Semiconductor...
MC68HC05PV8 FREESCALE-MC68HC05PV8 Datasheet
1Mb / 196P
Techinal Data - rev 1.9
logo
PEAK Plastic & Metal Pr...
ND28283.503086 PEAK_Inc-ND28283.503086 Datasheet
148Kb / 2P
ND28283.503086 REV,B
logo
ERNI Electronics
324264 ERNI-324264 Datasheet
88Kb / 1P
ERbic vertical rev. Profibus
logo
Mallory performance clu...
PN8728 MALLORY-PN8728 Datasheet
369Kb / 8P
Soft Touch Rev Control
logo
ATMEL Corporation
STK504-MCU ATMEL-STK504-MCU Datasheet
203Kb / 3P
Rev. C
logo
Silicon Laboratories
SI4320-J1-FTR SILABS-SI4320-J1-FTR Datasheet
368Kb / 15P
Si4x3x Errata (rev. B)
logo
Delta Electronics, Inc.
Q54SG12050 DELTA-Q54SG12050 Datasheet
1Mb / 26P
PMBus Rev.1.2 compliance
logo
List of Unclassifed Man...
NT140WHM-N44 ETC-NT140WHM-N44 Datasheet
1Mb / 33P
Product Specification Rev. P1
2016.11.15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com