Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCH Datasheet(PDF) 3 Page - Tyco Electronics

Part # PCH
Description  Miniature Power PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCH Datasheet(HTML) 3 Page - Tyco Electronics

  PCH Datasheet HTML 1Page - Tyco Electronics PCH Datasheet HTML 2Page - Tyco Electronics PCH Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
General Purpose Relays
3
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Miniature Power PCB Relay PCH (Continued)
Product Key
Version
Contact material
Contacts
Coil
Part number
PCH-105D2M
flux proof
AgSnO2
1 NO contact
5 VDC
1461350-2
PCH-106D2M
standard
6 VDC
1461350-3
PCH-109D2M
9 VDC
1461350-4
PCH-112D2M
12 VDC
1461350-5
PCH-124D2M
24 VDC
1461350-6
PCH-148D2M
48 VDC
1461350-7
PCH-105D2
1 CO contact
5 VDC
9-1440003-7
PCH-106D2
6 VDC
9-1440003-8
PCH-109D2
9 VDC
9-1440003-9
PCH-112D2
12 VDC
1440004-0
PCH-124D2
24 VDC
1440004-1
PCH-148D2
48 VDC
1461410-2
PCH-105L2M
flux proof
1 NO contact
5 VDC
1461352-2
PCH-106L2M
sensitive
6 VDC
1461352-3
PCH-109L2M
9 VDC
1461352-4
PCH-112L2M
12 VDC
1461352-5
PCH-124L2M
24 VDC
1461352-6
PCH-105D2M-WG
flux proof
5 VDC
1721767-2
PCH-106D2M-WG
standard
6 VDC
1721767-3
PCH-109D2M-WG
materials according
9 VDC
1721767-4
PCH-112D2M-WG
IEC 60335-1
12 VDC
1721767-5
PCH-124D2M-WG
24 VDC
1721767-6
PCH-148D2M-WG
48 VDC
1721767-7
PCH-105D2-WG
1 CO contact
5 VDC
1721766-2
PCH-106D2-WG
6 VDC
1721766-3
PCH-109D2-WG
9 VDC
1721766-4
PCH-112D2-WG
12 VDC
1721766-5
PCH-124D2-WG
24 VDC
1721766-6
PCH-148D2-WG
48 VDC
1721766-7
PCH-105L2M-WG
flux proof
1 NO contact
5 VDC
1721768-2
PCH-106L2M-WG
sensitive
6 VDC
1721768-3
PCH-109L2M-WG
materials according
9 VDC
1721768-4
PCH-112L2M-WG
IEC 60335-1
12 VDC
1721768-5
PCH-124L2M-WG
24 VDC
1721768-6
Product key
PC H - 1
2
-
Type
Version
1
1 pole
Coil
05
5VDC
12
12 VDC
06
6VDC
24
24 VDC
09
9VDC
48
48 VDC
Coil power
D
standard 400 mW
L
sensitive 200 mW (for NO contact only)
Contact material
2
AgSnO2
Contact configuration
Blank
1 CO contact
M
1 NO contact
Enclosure
Blank
flux proof
H
wash tight
Version
Blank
standard version
WG
Product in accordance with IEC 60335-1 (domestic appliances)
Other types on request



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com