Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPII1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RPII1
Description  Power PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RPII1 Datasheet(HTML) 1 Page - Tyco Electronics

  RPII1 Datasheet HTML 1Page - Tyco Electronics RPII1 Datasheet HTML 2Page - Tyco Electronics RPII1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. GK1
Issued 2007/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
Power PCB Relay RP II/1
1
SCHRACK
I 1 pole 8 / 12 / 16 A, 1 C/O or 1 N/O contact
I 4 kV / 8 mm coil-contact
I Pinning 3.5 or 5 mm (8 / 12 A) and 5 mm (16 A)
I PCB-sockets
I RoHS compliant (Directive 2002 / 95 / EC)
as per product date code 0404
Applications
Power supplies, domestic appliances, heating control,
installation
Approvals
V , Z
Technical data of approved types on request
Contact data
Configuration
1 C/O contact or 1 N/O contact
Type of contact
single contact
Rated current
8 A
12 A
16 A
Rated voltage / max.breaking voltage AC
250 Vac / 440 Vac
Maximum breaking capacity AC
2000 VA
3000 VA
4000 VA
Make current
16 A
20 A
25 A
Contact material
AgNi 0.15
AgCdO
AgCdO
Contact ratings
Type
Load
Operations
Standard
RP410
12 A, 250 Vac, cos
ϕ=1, 1200/h, 40% duty cycle
1.1x105
AC 1
RP410
9.1 A, 220 Vac, cos
ϕ=1, 360/h, 15% duty cycle
2x105
AC 1
RP418
3.4 A ON, 0.42 A OFF, 220 Vac, cos
ϕ=0.6
>1.1x106
RP411
8 A, 250 Vac, cos
ϕ=1, 50% duty cycle
105
AC 1
RP412
8 A, 250 Vac, cos
ϕ=1, 50% duty cycle
105
AC 1
RP330
18.2 A, 250 Vac, cos
ϕ=1, 600/h, 15% duty cycle
1.1x105
AC 1
RP330
96 A ON, 16 A OFF, 250 Vac, cos
ϕ=0.6, 450/h
> 3x104
VDE 0630
Coil data
Nominal voltage
5...110 Vdc
Nominal coil power
500 mW
Operate category
2 / b
Coil versions, DC-coil
Coil
Nominal
Pull-in
Release
Maximum
Coil
Coil
code
voltage
voltage
voltage
voltage
resistance
current
Vdc
Vdc
Vdc
Vdc
c
mA
005
5
3.5
0.5
9.0
54+10%
92.6
006
6
4.2
0.6
10.8
68+10%
88.2
012
12
8.4
1.2
21.6
270+10%
44.4
024
24
16.8
2.4
43.2
1100+15%
21.8
048
48
33.6
4.8
86.4
4400+15%
10.9
060
60
42.0
6.0
108.0
6540+15%
9.2
110
110
77.0
11.0
198.0
23100+15%
4.8
All figures are given for coil without preenergization, at ambient temperature +20°C
Other coil voltages on request
F0146-B


Similar Part No. - RPII1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RPII-1 TEC-RPII-1 Datasheet
274Kb / 3P
General Purpose Relays PCB Relays
RPII-2 TEC-RPII-2 Datasheet
313Kb / 2P
2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
logo
Tyco Electronics
RPII2 MACOM-RPII2 Datasheet
396Kb / 3P
Power PCB Relay
More results

Similar Description - RPII1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
Power PCB Relay
logo
Omron Electronics LLC
G4W OMRON-G4W Datasheet
180Kb / 6P
PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
Power PCB Relay
G8PT OMRON-G8PT Datasheet
2Mb / 8P
Power PCB Relay
G2R-K-1AZ4-TE OMRON-G2R-K-1AZ4-TE Datasheet
2Mb / 14P
PCB Power Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
Power PCB Relay
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
Power PCB Relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
pcb power relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com