Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RX2
Description  Power PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RX2 Datasheet(HTML) 2 Page - Tyco Electronics

  RX2 Datasheet HTML 1Page - Tyco Electronics RX2 Datasheet HTML 2Page - Tyco Electronics RX2 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Rev. GG1
Issued 2007/07
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
SCHRACK
Power PCB Relay RX2 (Continued)
Coil versions, AC-coil 50Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
50 Hz
50 Hz
50 Hz
VAC
VAC
VAC
Ohm
VA
524
24
18.0
3.6
350+10%
0.76
615
115
86.3
17.3
8100+15%
0.76
730
230
172.5
34.5
32500+15%
0.74
All figures are given for coil without preenergization, at ambient temperature +23°C
Insulation
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
1000 Vrms
adjacent contact circuits
2500 Vrms
Clearance / creepage coil-contact circuit
W 8 / 8 mm
adjacent contact circuits
W 3 / 4 mm
Material group of insulation parts
W IIIa
Tracking index of relay base
PTI 250 V
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
functional
adjacent contact circuits
basic
Rated insulation voltage
250 V
Pollution degree
3
2
Rated voltage system
240 V
400 V
Overvoltage category
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0413
Flammability class according to UL94
V-0 1)
Ambient temperature range
-40...+70°C
Operate- / release time DC coil
typ 7 / 2 ms
Bounce time DC coil, NO / NC contact
typ 1 / 3 ms
Vibration resistance (function) NO / NC contact
20 / 4 g, 10 ... 150 Hz
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof
Mounting standard version (white cover)
pcb or on socket
transparent version
pcb
Mounting distance
2,5 mm 2)
Resistance to soldering heat flux-proof version
270°C / 10 s
Relay weight
14 g
Packaging unit
500 pcs
1) Version with transparent cover: V-2
2) Version with transparent cover: 5 mm
Accessories
For standard version (white cover), details see
accessories RT
PCB layout / terminal assignment
Bottom view on solder pins
2 CO contacts
S0418-CA
S0163-BJ
Dimensions
S0272-BA
*) With the recommended PCB hole sizes a grid
pattern from 2.5 mm to 2.54 mm can be used.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com