Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7S Datasheet(PDF) 2 Page - Tyco Electronics

Part # T7S
Description  Miniature Power PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T7S Datasheet(HTML) 2 Page - Tyco Electronics

  T7S Datasheet HTML 1Page - Tyco Electronics T7S Datasheet HTML 2Page - Tyco Electronics T7S Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product key
T7 S
Type
Version
S
wash tight
V
flux proof
Contact configuration
1
1 NO contact
5
1 CO contact
Coil version
H
DC coil 360 mW, 105°C
E
DC coil 360 mW, 85°C
Contact material
4
AgNi 90/10
6
AgZnO
Coil
Coil code: please refer to coil versions table
Version
Blank
T7S standard version
WG
product in accordance with IEC 60335-1
Other types on request
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
S0260-AS
S0260-AT
S0260-AU
S0531-A
Insulation
Dielectric strength coil-contact circuit
1500 Vrms
open contact circuit
750 Vrms
Clearance / creepage coil-contact circuit
W 2,5 / 2,5 mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI 325
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
240 V
Overvoltage category
II
Other data
T7**E
T7S**H
RoHS - Directive 2002/95/EC
compliant as per product date code 0424
Flammability class according to UL94
V0
For WG version: GWFI to IEC 60695-2-12
850°C
GWIT to IEC 60695-2-13
775°C
Ambient temperature range
-40...85°C
-40...105°C
Operate- / release time
typ. 10/5 ms
Bounce time N/O / N/C contact
typ. 1 / 17 ms
Vibration resistance (function) NO / NC contact
>14 / 8 g, 30...400 Hz
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof
RTIII - wash tight
Mounting
PCB
Resistance to soldering heat flux-proof version
270°C / 10 s
wash-tight version
260°C / 5s
Relay weight
11 g
Packaging unit
25/1000 pcs
2
Miniature Power PCB Relay T7S (Continued)
General Purpose Relays
Datasheet
Rev. GB1
Issued 2007/02
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com