Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RY613005 Datasheet(PDF) 4 Page - Tyco Electronics

Part # RY613005
Description  Miniature Power PCB RY II & RY II reflow-solderable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RY613005 Datasheet(HTML) 4 Page - Tyco Electronics

  RY613005 Datasheet HTML 1Page - Tyco Electronics RY613005 Datasheet HTML 2Page - Tyco Electronics RY613005 Datasheet HTML 3Page - Tyco Electronics RY613005 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
General Purpose Relays
4
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Miniature Power PCB RY II & RY II reflow-solderable (Continued)
Product key
Version
Contacts
Contact material
Coil
Part number
RY210005
pinning 3.2 mm
1 CO contact
AgCdO
5 VDC
3-1393224-1
RY210012
flux proof
12 VDC
3-1393224-5
RY210024
24 VDC
3-1393224-8
RY210048
48 VDC
4-1393224-1
RY211005
AgNi 0.15
5 VDC
4-1393224-2
RY211012
12 VDC
4-1393224-6
RY211024
24 VDC
4-1393224-9
RY211048
48 VDC
5-1393224-1
RY212005
AgNi 0.15
5 VDC
5-1393224-2
RY212012
gold plated
12 VDC
5-1393224-5
RY212024
24 VDC
5-1393224-8
RY212048
48 VDC
5-1393224-9
RY213005
AgSnO2
5 VDC
6-1393224-0
RY213012
12 VDC
6-1393224-1
RY213024
24 VDC
6-1393224-2
RY213048
48 VDC
6-1393224-3
RY530005
pinning 5 mm
1 NO contact
AgCdO
5 VDC
6-1393224-6
RY530012
flux proof
12 VDC
6-1393224-9
RY530024
24 VDC
7-1393224-2
RY530048
48 VDC
7-1393224-4
RY531005
AgNi 0.15
5 VDC
7-1393224-6
RY531012
12 VDC
7-1393224-9
RY531024
24 VDC
8-1393224-2
RY531048
48 VDC
8-1393224-3
RY532012
AgNi 0.15
12 VDC
8-1393224-4
RY532024
gold plated
24 VDC
8-1393224-5
RY533012
AgSnO2
12 VDC
8-1393224-8
RY533024
24 VDC
8-1393224-9
RY533048
48 VDC
9-1393224-0
RY610005
pinning 3.2 mm
1 CO contact
AgCdO
5 VDC
0-1393225-7
RY610012
wash tight
12 VDC
1-1393225-0
RY610024
24 VDC
1-1393225-4
RY610048
48 VDC
1-1393225-5
RY611005
AgNi 0.15
5 VDC
1-1393225-7
RY611012
12 VDC
1-1393225-9
RY611024
24 VDC
2-1393225-1
RY611048
48 VDC
2-1393225-2
RY612005
AgNi 0.15
5 VDC
2-1393225-3
RY612012
gold plated
12 VDC
2-1393225-6
RY612024
24 VDC
2-1393225-9
RY612048
48 VDC
3-1393225-0
RY613005
AgSnO2
5 VDC
5-1419136-2
RY613012
12 VDC
3-1393225-1
RY613024
24 VDC
3-1393225-3
RY613048
48 VDC
3-1393225-4
RYA30005
pinning 5 mm
1 NO contact
AgCdO
5 VDC
0-1393224-1
RYA30012
wash tight
12 VDC
0-1393224-4
RYA30024
24 VDC
0-1393224-6
RYA30048
48 VDC
7-1393225-7
RYA31005
AgNi 0.15
5 VDC
0-1393224-7
RYA31012
12 VDC
0-1393224-9
RYA31024
24 VDC
1-1393224-2
RYA31048
48 VDC
1-1393224-3
RYA32005
AgNi 0.15
5 VDC
1-1393224-4
RYA32012
gold plated
12 VDC
1-1393224-6
RYA32024
24 VDC
1-1393224-8
RYA33005
AgSnO2
5 VDC
1-1393224-9
RYA33024
24 VDC
2-1393224-1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com