Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9182BPES Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9182BPES
Description  Dual, Low-Noise, 200mA LDO Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9182BPES Datasheet(HTML) 6 Page - Richtek Technology Corporation

  RT9182BPES Datasheet HTML 1Page - Richtek Technology Corporation RT9182BPES Datasheet HTML 2Page - Richtek Technology Corporation RT9182BPES Datasheet HTML 3Page - Richtek Technology Corporation RT9182BPES Datasheet HTML 4Page - Richtek Technology Corporation RT9182BPES Datasheet HTML 5Page - Richtek Technology Corporation RT9182BPES Datasheet HTML 6Page - Richtek Technology Corporation RT9182BPES Datasheet HTML 7Page - Richtek Technology Corporation RT9182BPES Datasheet HTML 8Page - Richtek Technology Corporation RT9182BPES Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RT9182
6
DS9182-18 April 2008
www.richtek.com
≈
≈
Time (50us/Div)
Line Transient Response
3.5
4.5
EN Pin Shutdown Response
Time (1ms/Div)
ILOAD = 50mA
≈
≈
Noise
Time (10ms/Div)
No load both output
VIN = 4.5V
CIN = COUT = 2.2uF
f = 10Hz to 100kHz
RT9182AxES
Noise
Time (10ms/Div)
ILOAD = 100mA both output
VIN = 4.5V
CIN = COUT = 2.2uF
RT9182AxES
f = 10Hz to 100kHz
Load Transient Response
Time (10us/Div)
Peak value depends on COUT ESR
≈
≈
COUT = 2.2uF
ILOAD = 0 to 80mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com