Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIL311 Datasheet(PDF) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TIL311
Description  HEXADECIMAL DISPLAY WITH LOGIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TIL311 Datasheet(HTML) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TIL311 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TIL311
HEXADECIMAL DISPLAY WITH LOGIC
TAOS058 − OCTOBER 2007
2
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
Blanking Input
8
I
Blanking Input. When high, the display is blanked regardless of the levels of the other inputs. When low,
a character is displayed as determined by the data in the latches. The blanking input may be pulsed for
intensity modulation.
Data Input A
3
I
Latch Data Input A. Data on this input is entered into the latch when the Latch Strobe Input is low. The
binary weight of this input is 1.
Data Input B
2
I
Latch Data Input B. Data on this input is entered into the latch when the Latch Strobe Input is low. The
binary weight of this input is 2.
Data Input C
13
I
Latch Data Input C. Data on this input is entered into the latch when the Latch Strobe Input is low. The
binary weight of this input is 4.
Data Input D
12
I
Latch Data Input D. Data on this input is entered into the latch when the Latch Strobe Input is low. The
binary weight of this input is 8.
Ground
7
Common Ground. This is the negative terminal for all logic and LED currents except for the decimal points.
LED Supply
1
LED Supply (VCC). This terminal permits the user to save on regulated VCC current by using a separate
LED supply, or it may be externally connected to the logic supply (VCC).
Left Decimal
4
Left Decimal Point Cathode. This LED is not connected to the logic chip. If a decimal point is used, an
external resistor or other current-limiting mechanism must be connected in series with it.
Logic Supply
14
Logic Supply (VCC). Separate VCC terminal for the logic chip.
omitted
6, 9, 11
There is no pin at this location.
Right Decimal
10
Right Decimal Point Cathode. This LED is not connected to the logic chip. If a decimal point is used, an
external resistor or other current-limiting mechanism must be connected in series with it.
Strobe Input
5
I
Latch Strobe Input. When low, the data in the latches follow the data on the latch data inputs. When high,
the data in the latches does not change. If the display is blanked and then restored while this input is high,
the previously displayed character will again be displayed.
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, logic, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, LED, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (pins 2, 3, 5, 8, 12, 13), VI
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Decimal point current
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC (see Note 2)
0°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−25°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES: 1. All voltages are with respect to the Common Ground terminal.
2. Case temperature is the surface temperature of the plastic measured directly over the integrated circuit. Forced-air cooling may be
required to maintain this temperature.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, logic, VCC
4.5
5
5.5
V
Supply voltage, LED, VLED
4
5
5.5
V
Decimal point current, IF(DP)
5
mA
Pulse duration, tw, latch strobe
40
ns
Setup time, tsu
50
ns
Hold time, th
40
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com