Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB90NF3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB90NF3LL
Description  N-CHANNEL 30V - 0.0048 ohm - 80A D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB90NF3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STB90NF3LL Datasheet HTML 1Page - STMicroelectronics STB90NF3LL Datasheet HTML 2Page - STMicroelectronics STB90NF3LL Datasheet HTML 3Page - STMicroelectronics STB90NF3LL Datasheet HTML 4Page - STMicroelectronics STB90NF3LL Datasheet HTML 5Page - STMicroelectronics STB90NF3LL Datasheet HTML 6Page - STMicroelectronics STB90NF3LL Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
PRELIMINARY DATA
September 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
STB90NF3LL
N-CHANNEL 30V - 0.0048
Ω - 80A D2PAK
LOW GATE CHARGE STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.0048 Ω @ 10 V
s
OPTIMAL RDS(on) x Qg TRADE-OFF @ 4.5 V
s
CONDUCTION LOSSES REDUCED
s
SWITCHING LOSSES REDUCED
s
SURFACE-MOUNTING D2PAK (TO-263)
POWER PACKAGE IN TUBE (NO SUFFIX) OR
IN TAPE & REEL (SUFFIX “T4”)
DESCRIPTION
This application specific Power MOSFET is the third
genaration of STMicroelectronis unique "Single Feature
Size™" strip-based process. The resulting transistor
shows the best trade-off between on-resistance and gate
charge. When used as high and low side in buck
regulators, it gives the best performance in terms of both
conduction and switching losses. This is extremely
important for motherboards where fast switching and
high efficiency are of paramount importance.
APPLICATIONS
s
SPECIFICALLY DESIGNED AND OPTIMISED
FOR HIGH EFFICIENCY CPU CORE DC/DC
CONVERTERS
TYPE
VDSS
RDS(on)
ID
STB90NF3LL
30 V
< 0.0055
Ω
80 A(#)
1
3
D2PAK
TO-263
(Suffix “T4”)
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
(#) Value limited by wire bonding
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
± 16
V
ID(#)
Drain Current (continuous) at TC = 25°C
80
A
ID
Drain Current (continuous) at TC = 100°C
80
A
IDM(•)
Drain Current (pulsed)
320
A
Ptot
Total Dissipation at TC = 25°C
200
W
Derating Factor
1.3
W/°C
Tstg
Storage Temperature
-55 to 175
°C
Tj
Max. Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STB90NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB90NF03 STMICROELECTRONICS-STB90NF03 Datasheet
587Kb / 9P
N-CHANNEL 30V - 0.0065 ohm - 95A D²PAK STripFET™ II POWER MOSFET
Mar-2003
STB90NF03L STMICROELECTRONICS-STB90NF03L Datasheet
246Kb / 8P
N-CHANNEL 30V - 0.0056ohm - 90A D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Oct-2001
STB90NF03L-1 STMICROELECTRONICS-STB90NF03L-1 Datasheet
274Kb / 9P
N-CHANNEL 30V - 0.0056ohm - 90A TO-220/I2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2003
STB90NF03L-1 STMICROELECTRONICS-STB90NF03L-1 Datasheet
248Kb / 13P
N-channel 30V - 0.0056Ω -90A TO-220/I2PAK Low gate charge STripFET??Power MOSFET
17-Aug-2006
More results

Similar Description - STB90NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB36NF03L STMICROELECTRONICS-STB36NF03L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.015 ohm - 36A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STB70NF03L STMICROELECTRONICS-STB70NF03L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.008 OHM - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
STB70NF3LL STMICROELECTRONICS-STB70NF3LL Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.008 ohm - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STB90NF03L STMICROELECTRONICS-STB90NF03L Datasheet
246Kb / 8P
N-CHANNEL 30V - 0.0056ohm - 90A D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Oct-2001
STB70NF03L-1 STMICROELECTRONICS-STB70NF03L-1 Datasheet
405Kb / 11P
N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/I2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
Jun-2003
STP70NF3LL STMICROELECTRONICS-STP70NF3LL Datasheet
481Kb / 10P
N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
Oct-2003
STB80NF10 STMICROELECTRONICS-STB80NF10 Datasheet
317Kb / 14P
N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET
25-Jan-2007
STB70NF3LL STMICROELECTRONICS-STB70NF3LL_06 Datasheet
465Kb / 13P
N-channel 30V - 0.0075ohm - 70A - D2PAK Low gate charge STripFET TM II Power MOSFET
25-Jul-2006
STB85NF3LL STMICROELECTRONICS-STB85NF3LL_06 Datasheet
391Kb / 13P
N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
28-Jul-2006
STB230NH03L STMICROELECTRONICS-STB230NH03L Datasheet
414Kb / 13P
N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
08-Jun-2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com