Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2STW1693 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2STW1693
Description  High power PNP epitaxial planar bipolar transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STW1693 Datasheet(HTML) 1 Page - STMicroelectronics

  2STW1693 Datasheet HTML 1Page - STMicroelectronics 2STW1693 Datasheet HTML 2Page - STMicroelectronics 2STW1693 Datasheet HTML 3Page - STMicroelectronics 2STW1693 Datasheet HTML 4Page - STMicroelectronics 2STW1693 Datasheet HTML 5Page - STMicroelectronics 2STW1693 Datasheet HTML 6Page - STMicroelectronics 2STW1693 Datasheet HTML 7Page - STMicroelectronics 2STW1693 Datasheet HTML 8Page - STMicroelectronics 2STW1693 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
October 2007
Rev 1
1/10
10
2STW1693
High power PNP epitaxial planar bipolar transistor
Features
High breakdown voltage VCEO = -80V
Complementary to 2STW4466
Typical ft = 20MHz
Fully characterized at 125 oC
Applications
Audio power amplifier
Description
The device is a PNP transistor manufactured in
low voltage planar technology using base island
layout. The resulting transistor shows good gain
linearity coupled with low VCESAT behaviour.
Recommended for 40W to 70W high fidelity audio
frequency amplifier output stage.
Table 1.
Device summary
Figure 1.
Internal schematic diagram
TO-247
1
2
3
Order code
Marking
Package
Packaging
2STW1693
2STW1693
TO-247
Tube
www.st.com


Similar Part No. - 2STW1693

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2STW1693 STMICROELECTRONICS-2STW1693 Datasheet
152Kb / 9P
High power PNP epitaxial planar bipolar transistor
02-Oct-2008
2STW1693 STMICROELECTRONICS-2STW1693_08 Datasheet
152Kb / 9P
High power PNP epitaxial planar bipolar transistor
02-Oct-2008
More results

Similar Description - 2STW1693

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2STW1695 STMICROELECTRONICS-2STW1695 Datasheet
192Kb / 9P
High power PNP epitaxial planar bipolar transistor
20-Feb-2007
2STA1695 STMICROELECTRONICS-2STA1695 Datasheet
214Kb / 9P
High power PNP epitaxial planar bipolar transistor
18-May-2007
2STA1943 STMICROELECTRONICS-2STA1943 Datasheet
187Kb / 9P
High power PNP epitaxial planar bipolar transistor
12-Dec-2007
2ST2121 STMICROELECTRONICS-2ST2121 Datasheet
144Kb / 8P
High power PNP epitaxial planar bipolar transistor
11-Jul-2008
2STA1694 STMICROELECTRONICS-2STA1694 Datasheet
95Kb / 7P
High power PNP epitaxial planar bipolar transistor
15-May-2008
2STA1962 STMICROELECTRONICS-2STA1962 Datasheet
180Kb / 9P
High power PNP epitaxial planar bipolar transistor
15-Jul-2008
2STA2121 STMICROELECTRONICS-2STA2121 Datasheet
161Kb / 6P
High power PNP epitaxial planar bipolar transistor
09-May-2008
2STA2510 STMICROELECTRONICS-2STA2510 Datasheet
95Kb / 7P
High power PNP epitaxial planar bipolar transistor
16-May-2008
2STW1693 STMICROELECTRONICS-2STW1693_08 Datasheet
152Kb / 9P
High power PNP epitaxial planar bipolar transistor
02-Oct-2008
2STW1695 STMICROELECTRONICS-2STW1695_08 Datasheet
171Kb / 9P
High power PNP epitaxial planar bipolar transistor
06-Oct-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com