Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC03DE220HV Datasheet(PDF) 1 Page - STMicroelectronics

Part # STC03DE220HV
Description  Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC03DE220HV Datasheet(HTML) 1 Page - STMicroelectronics

  STC03DE220HV Datasheet HTML 1Page - STMicroelectronics STC03DE220HV Datasheet HTML 2Page - STMicroelectronics STC03DE220HV Datasheet HTML 3Page - STMicroelectronics STC03DE220HV Datasheet HTML 4Page - STMicroelectronics STC03DE220HV Datasheet HTML 5Page - STMicroelectronics STC03DE220HV Datasheet HTML 6Page - STMicroelectronics STC03DE220HV Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
May 2008
Rev 2
1/7
7
STC03DE220HV
Hybrid emitter switched bipolar transistor
ESBT® 2200 V - 3 A - 0.33
W
Features
■ Low equivalent on resistance
■ Very fast-switch, up to 150 kHz
■ Very low CISS driven by RG = 4.7 Ω
Applications
■ Aux SMPS for three phase mains
Description
The STC03DE220HV is manufactured in a hybrid
structure, using dedicated high voltage Bipolar
and low voltage MOSFET technologies, aimed to
providing the best performance in ESBT topology.
The STC03DE220HV is designed for use in aux
flyback smps for any three phase application.
.
Figure 1.
Internal schematic diagrams
Table 2.
Device summary
Table 1.
Features
VCS(ON)
IC
RCS(ON)
1V
3A
0.33
Ω
TO247-4L HV
1
2
3
4
Order code
Marking
Package
Packaging
STC03DE220HV
C03DE220HV
TO247-4L HV
Tube
www.st.com


Similar Part No. - STC03DE220HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC03DE220HV STMICROELECTRONICS-STC03DE220HV Datasheet
143Kb / 8P
Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
27-Nov-2006
More results

Similar Description - STC03DE220HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC08DE150 STMICROELECTRONICS-STC08DE150 Datasheet
264Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
20-Jan-2005
STC03DE170 STMICROELECTRONICS-STC03DE170 Datasheet
329Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 Ohm
04-Oct-2004
STC03DE150 STMICROELECTRONICS-STC03DE150 Datasheet
327Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 3 A - 0.55 ohm
04-Oct-2004
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
29-Mar-2005
STC03DE170HV STMICROELECTRONICS-STC03DE170HV Datasheet
288Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 OHM
21-Jan-2005
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
313Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM
26-Sep-2006
STC03DE220HV STMICROELECTRONICS-STC03DE220HV Datasheet
143Kb / 8P
Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
27-Nov-2006
STC05IE150HP STMICROELECTRONICS-STC05IE150HP Datasheet
145Kb / 7P
Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12OHM
29-Nov-2006
STI50DE100 STMICROELECTRONICS-STI50DE100 Datasheet
311Kb / 11P
Hybrid Emitter Switched Bipolar Transistor ESBT 1000 V - 50 A - 0.026 ohm
10-Jan-2007
STC03DE220HP STMICROELECTRONICS-STC03DE220HP Datasheet
128Kb / 7P
Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
19-May-2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com