Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC06IE170HV Datasheet(PDF) 2 Page - STMicroelectronics

Part # STC06IE170HV
Description  Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC06IE170HV Datasheet(HTML) 2 Page - STMicroelectronics

  STC06IE170HV Datasheet HTML 1Page - STMicroelectronics STC06IE170HV Datasheet HTML 2Page - STMicroelectronics STC06IE170HV Datasheet HTML 3Page - STMicroelectronics STC06IE170HV Datasheet HTML 4Page - STMicroelectronics STC06IE170HV Datasheet HTML 5Page - STMicroelectronics STC06IE170HV Datasheet HTML 6Page - STMicroelectronics STC06IE170HV Datasheet HTML 7Page - STMicroelectronics STC06IE170HV Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical ratings
STC06IE170HV
2/8
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCS(SS)
Collector-source voltage (VBS=VGS=0V)
1700
V
VBS(OS)
Base-source voltage (IC=0, VGS=0V)
30
V
VSB(OS)
Source-base voltage (IC=0, VGS=0V)
17
V
VGS
Gate-source voltage
± 17
V
IC
Collector current
6
A
ICM
Collector peak current (tP< 5ms)
15
A
IB
Base current
6
A
IBM
Base peak current (tP < 1ms)
15
A
Ptot
Total dissipation at Tc < 25°C
208
W
Tstg
Storage temperature
-40 to 150
°C
TJ
Max. operating junction temperature
150
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
0.6
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com