Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGP8NC60K Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGP8NC60K
Description  N-channel 600V - 8A - D2PAK / DPAK / TO-220 Short circuit rated PowerMESH IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP8NC60K Datasheet(HTML) 1 Page - STMicroelectronics

  STGP8NC60K Datasheet HTML 1Page - STMicroelectronics STGP8NC60K Datasheet HTML 2Page - STMicroelectronics STGP8NC60K Datasheet HTML 3Page - STMicroelectronics STGP8NC60K Datasheet HTML 4Page - STMicroelectronics STGP8NC60K Datasheet HTML 5Page - STMicroelectronics STGP8NC60K Datasheet HTML 6Page - STMicroelectronics STGP8NC60K Datasheet HTML 7Page - STMicroelectronics STGP8NC60K Datasheet HTML 8Page - STMicroelectronics STGP8NC60K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
October 2007
Rev 1
1/17
17
STGB8NC60K - STGD8NC60K
STGP8NC60K
N-channel 600V - 8A - D2PAK / DPAK / TO-220
Short circuit rated PowerMESH™ IGBT
Features
■ Lower on voltage drop (Vcesat)
■ Lower CRES / CIES ratio (no cross-conduction
susceptibility)
■ Very soft ultra fast recovery antiparallel diode
■ Short circuit withstand time 10µs
Applications
■ High frequency motor controls
■ SMPS and PFC in both hard switch and
resonant topologies
■ Motor drivers
Description
Using the latest high voltage technology based on
a patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, the
PowerMESH™ IGBTs, with outstanding
performances. The suffix “K” identifies a family
optimized for high frequency motor control
applications with short circuit withstand capability.
Figure 1.
Internal schematic diagram
Type
VCES
VCE(sat)Typ
@25°C
IC
@100°C
STGB8NC60K
600V
2.2V
8A
STGD8NC60K
600V
2.2V
8A
STGP8NC60K
600V
2.2V
8A
TO-220
D²PAK
1
2
3
1
3
1
3
DPAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STGB8NC60K
GB8NC60K
D²PAK
Tape & reel
STGD8NC60K
GD8NC60K
DPAK
Tape & reel
STGP8NC60K
GP8NC60K
TO-220
Tube
www.st.com


Similar Part No. - STGP8NC60K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP8NC60KD STMICROELECTRONICS-STGP8NC60KD Datasheet
562Kb / 18P
600 V - 8 A - short circuit rugged IGBT
01-Apr-2008
logo
Inchange Semiconductor ...
STGP8NC60KD ISC-STGP8NC60KD Datasheet
389Kb / 2P
IGBT
More results

Similar Description - STGP8NC60K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
710Kb / 14P
N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH™ IGBT
Jun-2002
STGP7NB60KD STMICROELECTRONICS-STGP7NB60KD Datasheet
330Kb / 12P
N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
May-2004
STGP14NC60KD STMICROELECTRONICS-STGP14NC60KD Datasheet
456Kb / 14P
N-CHANNEL 14A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH IGBT
22-Jul-2005
STGP10NC60KD STMICROELECTRONICS-STGP10NC60KD Datasheet
379Kb / 17P
N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
01-Mar-2006
STGB10NC60K STMICROELECTRONICS-STGB10NC60K_07 Datasheet
599Kb / 17P
N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
08-Feb-2007
STGB14NC60K STMICROELECTRONICS-STGB14NC60K_06 Datasheet
435Kb / 16P
N-channel 14A - 600V -DPAK - D2PAK Short circuit rated PowerMESH TM IGBT
12-Jul-2006
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_06 Datasheet
833Kb / 17P
N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT
28-Apr-2006
STGD7NB60K STMICROELECTRONICS-STGD7NB60K_07 Datasheet
341Kb / 15P
N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
26-Jan-2007
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_07 Datasheet
526Kb / 17P
N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
08-Feb-2007
STGP7NB60K STMICROELECTRONICS-STGP7NB60K_07 Datasheet
341Kb / 15P
N-channel 600V - 7A - TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
26-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com