Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGF8NC60KD Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGF8NC60KD
Description  600 V - 8 A - short circuit rugged IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF8NC60KD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGF8NC60KD Datasheet HTML 3Page - STMicroelectronics STGF8NC60KD Datasheet HTML 4Page - STMicroelectronics STGF8NC60KD Datasheet HTML 5Page - STMicroelectronics STGF8NC60KD Datasheet HTML 6Page - STMicroelectronics STGF8NC60KD Datasheet HTML 7Page - STMicroelectronics STGF8NC60KD Datasheet HTML 8Page - STMicroelectronics STGF8NC60KD Datasheet HTML 9Page - STMicroelectronics STGF8NC60KD Datasheet HTML 10Page - STMicroelectronics STGF8NC60KD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STGB8NC60KD - STGD8NC60KD - STGF8NC60KD - STGP8NC60KD
Electrical characteristics
7/18
Figure 8.
Normalized gate threshold voltage
vs temperature
Figure 9.
Collector-emitter on voltage vs
collector current
Figure 10. Normalized breakdown voltage vs
temperature
Figure 11. Switching losses vs temperature
Figure 12. Switching losses vs gate resistance Figure 13. Switching losses vs collector
current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com