Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGF10NC60HD Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGF10NC60HD
Description  N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF10NC60HD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGF10NC60HD Datasheet HTML 2Page - STMicroelectronics STGF10NC60HD Datasheet HTML 3Page - STMicroelectronics STGF10NC60HD Datasheet HTML 4Page - STMicroelectronics STGF10NC60HD Datasheet HTML 5Page - STMicroelectronics STGF10NC60HD Datasheet HTML 6Page - STMicroelectronics STGF10NC60HD Datasheet HTML 7Page - STMicroelectronics STGF10NC60HD Datasheet HTML 8Page - STMicroelectronics STGF10NC60HD Datasheet HTML 9Page - STMicroelectronics STGF10NC60HD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STGB10NC60HD - STGP10NC60HD - STGF10NC60HD
6/17
Table 8.
Collector-emitter diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vf
Forward on-voltage
If = 2.5A
If = 2.5A, Tj = 125°C
1.75
1.3
2.1
V
V
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
If = 5A,VR = 40V,
Tj = 25°C, di/dt = 100 A/
µs
(see Figure 21)
21.5
14.2
1.32
ns
nC
A
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
If = 5A,VR = 40V,
Tj =125°C, di/dt = 100A/
µs
(see Figure 21)
33
30.5
1.85
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com