Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGP8NC60KD Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGP8NC60KD
Description  600 V - 8 A - short circuit rugged IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP8NC60KD Datasheet(HTML) 3 Page - STMicroelectronics

  STGP8NC60KD Datasheet HTML 1Page - STMicroelectronics STGP8NC60KD Datasheet HTML 2Page - STMicroelectronics STGP8NC60KD Datasheet HTML 3Page - STMicroelectronics STGP8NC60KD Datasheet HTML 4Page - STMicroelectronics STGP8NC60KD Datasheet HTML 5Page - STMicroelectronics STGP8NC60KD Datasheet HTML 6Page - STMicroelectronics STGP8NC60KD Datasheet HTML 7Page - STMicroelectronics STGP8NC60KD Datasheet HTML 8Page - STMicroelectronics STGP8NC60KD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STGB8NC60KD - STGD8NC60KD - STGF8NC60KD - STGP8NC60KD
Electrical ratings
3/18
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
D²PAK
TO-220
DPAK TO-220FP
VCES
Collector-emitter voltage (VGE = 0)
600
V
IC
(1)
1.
Calculated according to the iterative formula:
Collector current (continuous) at TC = 25 °C
15
7
A
IC
(1)
Collector current (continuous) at TC = 100 °C
84
A
ICL
(2)
2.
Vclamp = 80% (VCES), VGE=15 V, RG=10 Ω, TJ=150 °C
Turn-off latching current
30
A
ICP
(3)
3.
Pulse width limited by max junction temperature allowed
Pulsed collector current
30
A
VGE
Gate-emitter voltage
±20
V
IF
Diode RMS forward current at TC = 25 °C
7A
IFSM
Surge not repetitive forward current
tp = 10 ms sinusoidal
20
A
VISO
Insulation withstand voltage (RMS) from all
three leads to external hea sink
( t=1 s; TC = 25 °C)
--
--
2500
V
PTOT
Total dissipation at TC = 25 °C
65
62
24
W
Tj
Operating junction temperature
– 55 to 150
°C
Tscw
Short circuit withstand time
(VCE = 0.5 VBR(CES) , TC = 125 °C, RG = 10 Ω,
VGE = 12 V)
10
µs
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
D²PAK
TO-220
DPAK TO-220FP
Rthj-case
Thermal resistance junction-case max
IGBT
1.9
2.0
5.1
°C/W
Rthj-case
Thermal resistance junction-case max
diode
44.5
7
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W
I
C
T
C
()
T
JMAX
T
C
–
R
THJ
C
–
V
CESAT MAX
()
T
C
I
C
,
()
×
------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com