Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS954IPT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS954IPT
Description  Input/output rail-to-rail low power operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS954IPT Datasheet(HTML) 4 Page - STMicroelectronics

  TS954IPT Datasheet HTML 1Page - STMicroelectronics TS954IPT Datasheet HTML 2Page - STMicroelectronics TS954IPT Datasheet HTML 3Page - STMicroelectronics TS954IPT Datasheet HTML 4Page - STMicroelectronics TS954IPT Datasheet HTML 5Page - STMicroelectronics TS954IPT Datasheet HTML 6Page - STMicroelectronics TS954IPT Datasheet HTML 7Page - STMicroelectronics TS954IPT Datasheet HTML 8Page - STMicroelectronics TS954IPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
TS951-TS952-TS954
4/17
2
Electrical characteristics
Table 3.
VCC = +3V, VDD = 0V, RL connected to VCC/2, Tamb = 25°C (unless
otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Tmin ≤ Tamb ≤ Tmax
6
8
mV
DVio
Input offset voltage drift
2
µV/°C
Iio
Input offset current
Tmin ≤ Tamb ≤ Tmax
130
80
nA
Iib
Input bias current
Vicm = VCC/2
Tmin ≤ Tamb ≤ Tmax
35
100
200
nA
CMR
Common mode rejection ratio
50
80
dB
SVR
Supply voltage rejection ratio
VCC = 2.7V to 3.3V
60
80
dB
Avd
Large signal voltage gain
Vo = 2Vpk-pk, RL = 600Ω
80
dB
VOH
High level output voltage
RL = 600Ω
2.8
2.9
V
VOL
Low level output voltage
RL = 600Ω
80
250
mV
Isc
Output short-circuit current
10
mA
ICC
Supply current (per amplifier)
No load, Vicm = VCC/2
0.9
1.3
mA
GBP
Gain bandwidth product
RL = 2kΩ
3MHz
SR
Slew rate
1
V/µs
∅m
Phase margin at unit gain
RL = 600Ω, CL =100pF
60
Degrees
Gm
Gain margin
RL = 600Ω, CL =100pF
10
dB
en
Equivalent input noise voltage
f = 1kHz
25
THD
Total harmonic distortion
Vout = 4Vpk-pk, F = 10kHz, AV = 2, RL =10kΩ
0.01
%
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com