Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFSL036LT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NFSL036LT
Description  WARM WHITE LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSL036LT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NFSL036LT Datasheet HTML 1Page - NICHIA CORPORATION NFSL036LT Datasheet HTML 2Page - NICHIA CORPORATION NFSL036LT Datasheet HTML 3Page - NICHIA CORPORATION NFSL036LT Datasheet HTML 4Page - NICHIA CORPORATION NFSL036LT Datasheet HTML 5Page - NICHIA CORPORATION NFSL036LT Datasheet HTML 6Page - NICHIA CORPORATION NFSL036LT Datasheet HTML 7Page - NICHIA CORPORATION NFSL036LT Datasheet HTML 8Page - NICHIA CORPORATION NFSL036LT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
-1-
Nichia
STSE-CC6099B
<Cat.No.070427>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ts=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
180
mA
Pulse Forward Current
IFP
350
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
684
mW
Operating Temperature
Topr
-40 ~ +100
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Dice Temperature
Tj
130
°C
Soldering Temperature
Tsld
Reflow Soldering :
260°C
for 10sec.
Hand Soldering
:
350°C
for 3sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ts=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=150[mA]
(3.5)
3.8
V
Luminous Flux
φv
IF=150[mA]
(15.0)
-
lm
x
-
IF=150[mA]
0.41
-
-
Chromaticity Coordinate
y
-
IF=150[mA]
0.39
-
-
Please refer to CIE 1931 chromaticity diagram.
(3) Ranking
(Ts=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank P9
21.4
25.5
Rank P8
18.0
21.4
Rank P7
15.1
18.0
Rank P6
12.7
15.1
Luminous Flux
Rank P5
φv
IF=150[mA]
10.7
12.7
lm
Luminous Flux Measurement allowance is ± 7%.
Color Ranks
(IF=150mA,Ts=25°C)
Rank d1
x
0.3575
0.3610
0.3780
0.3988
0.3897
0.3720
y
0.3612
0.3850
0.3970
0.4116
0.3823
0.3714
Rank d2
x
0.3545
0.3575
0.3720
0.3897
0.3822
0.3667
y
0.3408
0.3612
0.3714
0.3823
0.3580
0.3484
Rank e1
x
0.3897
0.3988
0.4162
0.4390
0.4255
0.4053
y
0.3823
0.4116
0.4200
0.4310
0.4000
0.3907
<
=
<
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com