Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD10NF10T4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD10NF10T4
Description  N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD10NF10T4 Datasheet(HTML) 1 Page - STMicroelectronics

  STD10NF10T4 Datasheet HTML 1Page - STMicroelectronics STD10NF10T4 Datasheet HTML 2Page - STMicroelectronics STD10NF10T4 Datasheet HTML 3Page - STMicroelectronics STD10NF10T4 Datasheet HTML 4Page - STMicroelectronics STD10NF10T4 Datasheet HTML 5Page - STMicroelectronics STD10NF10T4 Datasheet HTML 6Page - STMicroelectronics STD10NF10T4 Datasheet HTML 7Page - STMicroelectronics STD10NF10T4 Datasheet HTML 8Page - STMicroelectronics STD10NF10T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
August 2006
Rev 3
1/14
14
STD10NF10
STD10NF10-1
N-channel 100V - 0.115
Ω - 13A - DPAK - IPAK
Low gate charge STripFET™ II Power MOSFET
General features
■ Exceptional dv/dt capability
■ Application oriented characterization
Description
This MOSFET series realized with
STMicroelectronics unique STripFET process has
specifically been designed to minimize input
capacitance and gate charge. It is therefore
suitable as primary switch in advanced high-
efficiency, high-frequency isolated DC-DC
converters for Telecom and Computer
applications. It is also intended for any
applications with low gate drive requirements.
Applications
■ Switching application
Internal schematic diagram
Type
VDSSS
RDS(on)
ID
STD10NF10
100V
<0.13
Ω
13A
STD10NF10-1
100V
<0.13
Ω
13A
1
3
DPAK
3
2
1
IPAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD10NF10T4
D10NF10
DPAK
Tape & reel
STD10NF10-1
D10NF10
IPAK
Tube


Similar Part No. - STD10NF10T4

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD10NF10T4 VBSEMI-STD10NF10T4 Datasheet
1,008Kb / 7P
N-Channel 100 V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
STD10NF10T4-TP TECHPUBLIC-STD10NF10T4-TP Datasheet
2Mb / 5P
N-Channel 100-V (D-S) MOSFET
More results

Similar Description - STD10NF10T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB14NF10 STMICROELECTRONICS-STB14NF10 Datasheet
464Kb / 11P
N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
June 2002
STD15NF10 STMICROELECTRONICS-STD15NF10 Datasheet
412Kb / 13P
N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
08-Aug-2006
STD20NF10 STMICROELECTRONICS-STD20NF10 Datasheet
303Kb / 9P
N-CHANNEL 100V - 0.038 ohm - 25A IPAK/DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Oct-2002
STD25NF10 STMICROELECTRONICS-STD25NF10 Datasheet
437Kb / 9P
N-CHANNEL 100V - 0.033ohm - 25A DPAK LOW GATE CHARGE STripFET™ POWER MOSFET
May-2002
STD25NF10L STMICROELECTRONICS-STD25NF10L Datasheet
451Kb / 9P
N-CHANNEL 100V - 0.030 ohm - 25A DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Feb-2003
STD5NE10L STMICROELECTRONICS-STD5NE10L Datasheet
43Kb / 6P
N - CHANNEL 100V - 0.3 ohm - 5A - DPAK/IPAK STripFET POWER MOSFET
Oct-1998
STD6NF10 STMICROELECTRONICS-STD6NF10 Datasheet
266Kb / 9P
N-CHANNEL 100V - 0.22 ohm - 6A IPAK/DPAK LOW GATE CHARGE STripFET™ POWER MOSFET
Jun-2001
IRF530 STMICROELECTRONICS-IRF530 Datasheet
281Kb / 3P
N-CHANNEL 100V - 0.115 W - 14A TO-220 LOW GATE CHARGE STripFET™ II POWER MOSFET
June 1988
STD26NF10 STMICROELECTRONICS-STD26NF10 Datasheet
397Kb / 13P
N-channel 100V - 0.033Ω - 25A - DPAK Low gate charge STripFET™II Power MOSFET
20-Apr-2007
STD25NF10LT4 STMICROELECTRONICS-STD25NF10LT4 Datasheet
432Kb / 13P
N-channel 100V - 0.030Ohm - 25A - DPAK Low gate charge STripFET II Power MOSFET
03-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com