Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTG3433CFB Datasheet(PDF) 4 Page - Humirel

Part # HTG3433CFB
Description  RELATIVE HUMIDITY AND TEMPERATURE MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTG3433CFB Datasheet(HTML) 4 Page - Humirel

  HTG3433CFB Datasheet HTML 1Page - Humirel HTG3433CFB Datasheet HTML 2Page - Humirel HTG3433CFB Datasheet HTML 3Page - Humirel HTG3433CFB Datasheet HTML 4Page - Humirel HTG3433CFB Datasheet HTML 5Page - Humirel HTG3433CFB Datasheet HTML 6Page - Humirel HTG3433CFB Datasheet HTML 7Page - Humirel HTG3433CFB Datasheet HTML 8Page - Humirel HTG3433CFB Datasheet HTML 9Page - Humirel Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
________________________________________________________________________________________
Humirel HTG3400 Series Datasheet / HPC124 Rev A November 2007
4
Humidity Sensor
!
"
#
$
Reference Output Values (Vcc = 5V)
In Pulsed Mode (5%)
Reference Output Values (Vcc = 5V)
In Continuous Mode
%& '
"
% ('
%& '
"
% ('
10
2970
55
5075
15
3230
60
5280
20
3480
65
5485
25
3725
70
5690
30
3965
75
5885
35
4200
80
6085
40
4425
85
6280
45
4645
90
6475
50
4860
95
6670
%& '
"
% ('
%& '
"
% ('
10
2950
55
4960
15
3195
60
5150
20
3435
65
5345
25
3670
70
5545
30
3900
75
5725
35
4125
80
5915
40
4345
85
6105
45
4550
90
6285
50
4750
95
6465
POLYNOMIAL EQUATION
POLYNOMIAL EQUATION
Fout = 6.39E-4 RH3 - 1.828E-1RH2 + 56.29 RH + 2424
Fout = 6.03E-4 RH3 - 1.77E-1RH2 + 53.97 RH + 2425
RH = -8.97E-11Fout3 + 2.318E-6 Fout2 + 7.19E-3 Fout - 29.38
RH = -9.07E-11Fout3 + 2.47E-6 Fout2 + 7.20E-3 Fout - 30.30
with Fout in Hz and RH in %
with Fout in Hz and RH in %
LINEAR EQUATION
LINEAR EQUATION
Fout = 43.15 RH + 2647
Fout = 41.05 RH + 2646
RH = 0.0231 Fout – 61.12
RH = 0.0243 Fout - 64.19
with Fout in Hz and RH in %
with Fout in Hz and RH in %
"
#
$
Reference Output Values (Vcc = 3.3V)
In any power mode
POLYNOMIAL EQUATION
Fout = -2E-5RH3 - 0.033RH2 + 39.94RH + 2867
RH = 5.7E-11 Fout3 + 7.4E-8 Fout2 + 2.42E-2 Fout – 70.10
with Fout in Hz and RH in %
LINEAR EQUATION
Fout = 36.18 RH + 2867
RH = 0.02755 Fout – 80.97
with Fout in Hz and RH in %
%& '
"
% ('
%& '
"
% ('
10
3270
55
4960
15
3460
60
5140
20
3650
65
5320
25
3845
70
5495
30
4035
75
5670
35
4225
80
5840
40
4410
85
6010
45
4595
90
6180
50
4780
95
6345



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com