Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T405-600H Datasheet(PDF) 2 Page - STMicroelectronics

Part # T405-600H
Description  4A TRIACS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T405-600H Datasheet(HTML) 2 Page - STMicroelectronics

  T405-600H Datasheet HTML 1Page - STMicroelectronics T405-600H Datasheet HTML 2Page - STMicroelectronics T405-600H Datasheet HTML 3Page - STMicroelectronics T405-600H Datasheet HTML 4Page - STMicroelectronics T405-600H Datasheet HTML 5Page - STMicroelectronics T405-600H Datasheet HTML 6Page - STMicroelectronics T405-600H Datasheet HTML 7Page - STMicroelectronics T405-600H Datasheet HTML 8Page - STMicroelectronics T405-600H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
T4 Series
2/10
Table 3: Absolute Maximum Ratings
Tables 4: Electrical Characteristics (Tj = 25°C, unless otherwise specified)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine
wave)
IPAK/DPAK/
TO-220AB
Tc = 110°C
4A
ISOWATT220AB Tc = 105°C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25°C)
F = 50 Hz
t = 20 ms
30
A
F = 60 Hz
t = 16.7 ms
31
I²tI²t Value for fusing
tp = 10 ms
5.1
A²s
dI/dt
Critical rate of rise of on-state cur-
rent IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4A
PG(AV)
Average gate power dissipation
Tj = 125°C
1W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
Symbol
Test Conditions
Quadrant
T4
Unit
T405
T410
T435
IGT (1)
VD = 12 V RL = 30 Ω
I - II - III
MAX.
5
10
35
mA
VGT
I - II - III
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ
Tj = 125°C
I - II - III
MIN.
0.2
V
IH (2)
IT = 100 mA
MAX.
10
15
35
mA
IL
IG = 1.2 IGT
I - III
MAX.
10
25
50
mA
II
15
30
60
dV/dt (2)
VD = 67 %VDRM gate open
Tj = 125°C
MIN.
20
40
400
V/µs
(dI/dt)c (2)
(dV/dt)c = 0.1 V/µs
Tj = 125°C
MIN.
1.8
2.7
-
A/ms
(dV/dt)c = 10 V/µs
Tj = 125°C
0.9
2.0
-
Without snubber
Tj = 125°C
--
2.5
Note 1: minimum IGT is guaranted at 5% of IGT max.
Note 2: for both polarities of A2 referenced to A1.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com