Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ2822MCS Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PJ2822MCS
Description  Dual Low-Voltage Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PJ2822MCS Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  PJ2822MCS Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PJ2822M
Dual Low-Voltage Power Amplifier
8-8
2002/01.ver.A
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
9.07
9.32
0.357
0.367
B
6.22
6.48
0.245
0.255
C
3.18
4.43
0.125
0.135
D
0.35
0.55
0.019
0.020
G
2.54BSC
0.10BSC
J
0.29
0.31
0.011
0.012
K
3.25
3.35
0.128
0.132
L
7.75
8.00
0.305
0.315
M
-
10°
-
10°
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27BSC
0.05BSC
K
0.10
0.25
0.004
0.009
M
0°
7°
0°
7°
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com