Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5463IPFP Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFP
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFP Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5463IPFP Datasheet HTML 23Page - Texas Instruments ADS5463IPFP Datasheet HTML 24Page - Texas Instruments ADS5463IPFP Datasheet HTML 25Page - Texas Instruments ADS5463IPFP Datasheet HTML 26Page - Texas Instruments ADS5463IPFP Datasheet HTML 27Page - Texas Instruments ADS5463IPFP Datasheet HTML 28Page - Texas Instruments ADS5463IPFP Datasheet HTML 29Page - Texas Instruments ADS5463IPFP Datasheet HTML 30Page - Texas Instruments ADS5463IPFP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Power Supplies
Frequency − MHz
40
50
60
70
80
90
100
G032
AVDD5
fS = 500 MSPS
fIN= None
AVDD3
0.01
0.1
1
100
10
ADS5463
www.ti.com .................................................................................................................................................... SLAS515B – NOVEMBER 2006 – REVISED MAY 2008
The ADS5463 uses three power supplies. For the analog portion of the design, a 5-V and 3.3-V supply (AVDD5
and AVDD3) are used, while the digital portion uses a 3.3-V supply (DVDD3). All of the ground pins are marked
as GND, although analog and digital grounds are not tied together inside the package. The use of low-noise
power supplies with adequate decoupling is recommended. Linear supplies are preferred to switched supplies;
switched supplies tend to generate more noise components that can be coupled to the ADS5463. However, the
PSRR value and the plot shown in Figure 48 were obtained without bulk supply decoupling capacitors. When
bulk (0.1
µF) decoupling capacitors are used, the board-level PSRR is much higher than the stated value for the
ADC. The user may be able to supply power to the device with a less-than-ideal supply and still achieve good
performance. It is not possible to make a single recommendation for every type of supply and level of decoupling
for all systems. If the noise characteristics of the available supplies are understood, a study of the PSRR data for
the ADS5463 may provide the user with enough information to select noisy supplies if the performance is still
acceptable within the frequency range of interest. The power consumption of the ADS5463 does not change
substantially over clock rate or input frequency as a result of the architecture and process. The DVDD3 PSRR is
superior to both the AVDD5 and AVDD3 so was not graphed.
Because there are two diodes connected in reverse between AVDD3 and DVDD3 internally, a power-up
sequence is recommended. When there is a delay in power up between these two supplies, the one that lags
could have current sinking through an internal diode before it powers up. The sink current can be large or small
depending on the impedance of the external supply and could damage the device or affect the supply source.
The best power up sequence is one of the following options (regardless of when AVDD5 powers up):
1) Power up both AVDD3 and DVDD3 at the same time (best scenario), OR
2) Keep the voltage difference less than 0.8V between AVDD3 and DVDD3 during the power up (0.8V is not a
hard specification - a smaller delta between supplies is safer).
If the above sequences are not practical then the sink current from the supply needs to be controlled or
protection added externally. The max transient current (on the order of
µsec) for DVDD3 or AVDD3 pin is 500mA
to avoid potential damage to the device or reduce its lifetime.
Values for analog and clock input given in the Absolute Maximum Ratings are valid when the supplies are on.
When the power supplies are off and the clock or analog inputs are still alive, the input voltage and current needs
to be limited to avoid device damage. If the ADC supplies are off, the max/min continuous DC voltage is +/- 0.95
V and max DC current is 20 mA for each input pin (clock or analog), relative to ground.
Figure 48. PSRR versus Supply Injected Frequency
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com