Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5463IPFPRG4 Datasheet(PDF) 30 Page - Texas Instruments

Part # ADS5463IPFPRG4
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFPRG4 Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS5463IPFPRG4 Datasheet HTML 26Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 27Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 28Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 29Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 30Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 31Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 32Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 33Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
DEFINITION OF SPECIFICATIONS
SNR + 10log10
P
S
P
N
(4)
SINAD + 10log10
P
S
P
N ) PD
(5)
THD + 10log10
P
S
P
D
(6)
ADS5463
SLAS515B – NOVEMBER 2006 – REVISED MAY 2008 .................................................................................................................................................... www.ti.com
PSRR is a measure of the ability to reject frequencies
present on the power supply. The injected frequency
Analog Bandwidth
level is translated into dBFS, the spur in the output
The analog input frequency at which the power of the
FFT is measured in dBFS, and the difference is the
fundamental is reduced by 3 dB with respect to the
PSRR in dB. The measurement calibrates out the
low-frequency value
benefit of the board supply decoupling capacitors.
Aperture Delay
Signal-to-Noise Ratio (SNR)
The delay in time between the rising edge of the input
SNR is the ratio of the power of the fundamental (PS)
sampling clock and the actual time at which the
to the noise floor power (PN), excluding the power at
sampling occurs
dc and in the first five harmonics.
Aperture Uncertainty (Jitter)
The sample-to-sample variation in aperture delay
Clock Pulse Duration/Duty Cycle
SNR is either given in units of dBc (dB to carrier)
The duty cycle of a clock signal is the ratio of the time
when the absolute power of the fundamental is used
the clock signal remains at a logic high (clock pulse
as the reference, or dBFS (dB to full scale) when the
duration) to the period of the clock signal, expressed
power of the fundamental is extrapolated to the
as a percentage.
converter’s full-scale range.
Differential Nonlinearity (DNL)
Signal-to-Noise and Distortion (SINAD)
An ideal ADC exhibits code transitions at analog input
SINAD is the ratio of the power of the fundamental
values spaced exactly 1 LSB apart. DNL is the
(PS) to the power of all the other spectral components
deviation of any single step from this ideal value,
including noise (PN) and distortion (PD), but excluding
measured in units of LSB.
dc.
Common-Mode Rejection Ratio (CMRR)
CMRR measures the ability to reject signals that are
presented to both analog inputs simultaneously. The
injected common-mode frequency level is translated
SINAD is either given in units of dBc (dB to carrier)
into dBFS, the spur in the output FFT is measured in
when the absolute power of the fundamental is used
dBFS, and the difference is the CMRR in dB.
as the reference, or dBFS (dB to full scale) when the
Effective Number of Bits (ENOB)
power of the fundamental is extrapolated to the
ENOB is a measure in units of bits of a converter's
converter’s full-scale range.
performance as compared to the theoretical limit
Temperature Drift
based on quantization noise
Temperature drift (with respect to gain error and
ENOB = (SINAD – 1.76)/6.02
offset error) specifies the change from the value at
the nominal temperature to the value at TMIN or TMAX.
Gain Error
It is computed as the maximum variation the
Gain error is the deviation of the ADC actual input
parameters over the whole temperature range divided
full-scale range from its ideal value, given as a
by TMIN – TMAX.
percentage of the ideal input full-scale range.
Total Harmonic Distortion (THD)
Integral Nonlinearity (INL)
THD is the ratio of the power of the fundamental (PS)
INL is the deviation of the ADC transfer function from
to the power of the first five harmonics (PD).
a best-fit line determined by a least-squares curve fit
of that transfer function. The INL at each analog input
value is the difference between the actual transfer
function and this best-fit line, measured in units of
LSB.
THD is typically given in units of dBc (dB to carrier).
Offset Error
Two-Tone Intermodulation Distortion (IMD3)
Offset error is the deviation of output code from
IMD3 is the ratio of the power of the fundamental (at
mid-code
when
both
inputs
are
tied
to
frequencies f1, f2) to the power of the worst spectral
common-mode.
component at either frequency 2f1 – f2 or 2f2 – f1).
IMD3 is given in units of either dBc (dB to carrier)
Power-Supply Rejection Ratio (PSRR)
when the absolute power of the fundamental is used
as the reference, or dBFS (dB to full scale) when the
power of the fundamental is extrapolated to the
converter’s full-scale range.
30
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s) :ADS5463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com